Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65S650CE Datasheet (PDF) - Infineon Technologies AG

65S650CE Datasheet PDF - Infineon Technologies AG
Part # 65S650CE
Download  65S650CE Download
File Size   1009.66 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS CE Power Transistor

65S650CE Datasheet (PDF)

Go To PDF Page Download Datasheet
65S650CE Datasheet PDF - Infineon Technologies AG

Part # 65S650CE
Download  65S650CE Click to download

File Size   1009.66 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS CE Power Transistor

65S650CE Datasheet (HTML) - Infineon Technologies AG


65S650CE Product details

Features
•ExtremelylowlossesduetoverylowFOMRdson*QgandEoss
•Veryhighcommutationruggedness
•Easytouse/drive
•Pb-freeplating,Halogenfreemoldcompound
•Qualifiedforstandardgradeapplications




Similar Part No. - 65S650CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65S019P-321N-B ETC2-65S019P-321N-B Datasheet
157Kb / 2P
Solder Plug HDMI-D
logo
Rosenberger Hochfrequen...
65S153-KIMN1 ROSENBERGER-65S153-KIMN1 Datasheet
78Kb / 2P
Adaptor 4.1-9.5 Plug ??N Jack
logo
Infineon Technologies A...
65S1K0CE INFINEON-65S1K0CE Datasheet
996Kb / 15P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-19
logo
Rosenberger Hochfrequen...
65S36R-MSOS3 ROSENBERGER-65S36R-MSOS3 Datasheet
652Kb / 3P
Calibration Kit plug
logo
Integrated Technology F...
65SD201 ITF-65SD201 Datasheet
147Kb / 5P
SAW Delay-Line
2004-07-08
More results


Similar Description - 65S650CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPS65R1K0CE INFINEON-IPS65R1K0CE Datasheet
1Mb / 15P
650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPS65R1K5CE INFINEON-IPS65R1K5CE Datasheet
1Mb / 15P
650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA65R1K0CE INFINEON-IPA65R1K0CE Datasheet
996Kb / 15P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-19
IPA65R650CE INFINEON-IPA65R650CE_16 Datasheet
1Mb / 16P
650V CoolMOS??CE Power Transistor
2016-03-31
IPA65R400CE INFINEON-IPA65R400CE Datasheet
906Kb / 14P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-24
IPA65R1K5CE INFINEON-IPA65R1K5CE Datasheet
890Kb / 14P
650V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K5CE INFINEON-IPA60R1K5CE Datasheet
863Kb / 13P
600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K0CE INFINEON-IPA60R1K0CE Datasheet
871Kb / 13P
600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com