Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2A Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

RS2A Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # RS2A
Download  RS2A Download
File Size   150.96 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

RS2A Datasheet (PDF)

Go To PDF Page Download Datasheet
RS2A Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # RS2A
Download  RS2A Click to download

File Size   150.96 Kbytes
Page   4 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

RS2A Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


RS2A Product details

Surface Mount – 2A

Features:
• Fast switching for high efficiency
• Low leakage current
• High forward surge capability
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - RS2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2A SSE-RS2A Datasheet
19Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS2A DIODES-RS2A Datasheet
46Kb / 2P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. E-2
logo
Fuji Electric
RS2A FUJI-RS2A Datasheet
759Kb / 1P
1.5AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS2A GE-RS2A Datasheet
74Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS2A DIODES-RS2A Datasheet
393Kb / 3P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
More results


Similar Description - RS2A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B400003 E-SWITCH-B400003 Datasheet
72Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400005 E-SWITCH-B400005 Datasheet
108Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400006 E-SWITCH-B400006 Datasheet
121Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400007 E-SWITCH-B400007 Datasheet
66Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400008 E-SWITCH-B400008 Datasheet
105Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400009 E-SWITCH-B400009 Datasheet
106Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400010 E-SWITCH-B400010 Datasheet
106Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400012 E-SWITCH-B400012 Datasheet
80Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400014 E-SWITCH-B400014 Datasheet
193Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
B400015 E-SWITCH-B400015 Datasheet
102Kb / 1P
2002/95/EC (RoHS) COMPLIANT.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com