Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9215BCPZ-80 Datasheet (PDF) - Analog Devices

AD9215BCPZ-80 Datasheet PDF - Analog Devices
Part # AD9215BCPZ-80
Download  AD9215BCPZ-80 Download
File Size   1416.41 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 65/80/105 MSPS, 3V A/D Converter

AD9215BCPZ-80 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9215BCPZ-80 Datasheet PDF - Analog Devices

Part # AD9215BCPZ-80
Download  AD9215BCPZ-80 Click to download

File Size   1416.41 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 65/80/105 MSPS, 3V A/D Converter

AD9215BCPZ-80 Datasheet (HTML) - Analog Devices


AD9215BCPZ-80 Product details

PRODUCT DESCRIPTION
The AD9215 is a family of monolithic, single 3 V supply, 10-bit, 65/80/105 MSPS analog-to-digital converters (ADC). This family features a high performance sample-and-hold amplifier (SHA) and voltage reference. The AD9215 uses a multistage differential pipelined architecture with output error correction logic to provide 10-bit accuracy at 105 MSPS data rates and to guarantee no missing codes over the full operating temperature range.

FEATURES
   Single 3 V supply operation (2.7 V to 3.3 V)
   SNR = 58 dBc (to Nyquist)
   SFDR = 77 dBc (to Nyquist)
   Low power ADC core: 96 mW at 65 MSPS, 104 mW
      @ 80 MSPS, 120 mW at 105 MSPS
   Differential input with 300 MHz bandwidth
   On-chip reference and sample-and-hold amplifier
   DNL = ±0.25 LSB
   Flexible analog input: 1 V p-p to 2 V p-p range
   Offset binary or twos complement data format
   Clock duty cycle stabilizer

APPLICATIONS
   Ultrasound equipment
   IF sampling in communications receivers
   Battery-powered instruments
   Hand-held scopemeters
   Low cost digital oscilloscopes




Similar Part No. - AD9215BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215BCPZ-80 AD-AD9215BCPZ-80 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215BCPZ-80 AD-AD9215BCPZ-80 Datasheet
1,012Kb / 37P
3V A/D Converter
Rev. B
More results


Similar Description - AD9215BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9214 AD-AD9214 Datasheet
447Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
07/01-Data Sheet changed from REV. B to REV. C.
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
logo
Texas Instruments
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com