Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSI-D-4V-PRIME Datasheet (PDF) - All Sensors Corporation

PSI-D-4V-PRIME Datasheet PDF - All Sensors Corporation
Part # PSI-D-4V-PRIME
Download  PSI-D-4V-PRIME Download
File Size   63.28 Kbytes
Page   4 Pages
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation
Description Industrial Temperature Grade with Voltage Reference

PSI-D-4V-PRIME Datasheet (PDF)

Go To PDF Page Download Datasheet
PSI-D-4V-PRIME Datasheet PDF - All Sensors Corporation

Part # PSI-D-4V-PRIME
Download  PSI-D-4V-PRIME Click to download

File Size   63.28 Kbytes
Page   4 Pages
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation
Description Industrial Temperature Grade with Voltage Reference

PSI-D-4V-PRIME Datasheet (HTML) - All Sensors Corporation


PSI-D-4V-PRIME Product details

• 0 to 0.3 psi to 0 to 15 psi Pressure Ranges
• Fixed 4V Output
• Temperature Compensated (-25C to 85C)
• Calibrated Zero and Span




Similar Part No. - PSI-D-4V-PRIME

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
More results


Similar Description - PSI-D-4V-PRIME

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Intersil Corporation
ISL21400 INTERSIL-ISL21400 Datasheet
424Kb / 17P
Programmable Temperature Slope Voltage Reference
December 14, 2006
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
All Sensors Corporation
0.3PSI-G-4VPRIME-ND ASC-0.3PSI-G-4VPRIME-ND Datasheet
256Kb / 6P
industrial Temperature Grade
Rev C
0.3PSI-G-4V-PRIME-REF ASC-0.3PSI-G-4V-PRIME-REF Datasheet
63Kb / 4P
Industrial Temperature Grade with Voltage Reference
082302
PSI-D-4VPRIME-ND ASC-PSI-D-4VPRIME-ND Datasheet
256Kb / 6P
Industrial Temperature Grade
Rev C
logo
MORNSUN Science& Techno...
MCP100-2A27D27 MORNSUN-MCP100-2A27D27 Datasheet
1Mb / 4P
Industrial grade operating temperature
logo
Renesas Technology Corp
ISL21400 RENESAS-ISL21400 Datasheet
838Kb / 17P
Programmable Temperature Slope Voltage Reference
logo
Advantech Co., Ltd.
SQR-SD1I ADVANTECH-SQR-SD1I Datasheet
488Kb / 1P
Industrial Grade
15-Jan-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com