Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA2308 Datasheet (PDF) - Anpec Electronics Coropration

APA2308 Datasheet PDF - Anpec Electronics Coropration
Part # APA2308
Download  APA2308 Download
File Size   532.86 Kbytes
Page   12 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Class AB Stereo Headphone Driver

APA2308 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA2308 Datasheet PDF - Anpec Electronics Coropration

Part # APA2308
Download  APA2308 Click to download

File Size   532.86 Kbytes
Page   12 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Class AB Stereo Headphone Driver

APA2308 Datasheet (HTML) - Anpec Electronics Coropration


APA2308 Product details

Gereral Description

The APA2308 is an integrated class AB stereo head phone driver contained in an SO-8, a DIP-8 or a TSSOP-8 plastic package. The APA2308 is capable of delivering 280mW of max. Output power to an 8Ω load or 110mW to a 32Ω load with less than 10% (THD+N) from a 5V power supply. The device is fabricated in a CMOS process and has been primarily developed for portable digital audio applications .



Features

•Operating Voltage

   Single Supply                    3V to 6V

   Dual Supply              ±1.5V to ±3.0V

•High Signal-to-Noise Ratio        100dB

•Low Distortion                        -65dB

•Large Output Voltage Swing

•Excellent Power Supply Ripple Rejection

•Low Power Consumption

•Short-circuit Elimination

•Wide Temperature Range

•No Switch ON/OFF Clicks

•Available in 8 pin SOP ,DIP or TSSOP Package




Similar Part No. - APA2308

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2010BHAI-TRG ANPEC-APA2010BHAI-TRG Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
2.8W Mono Class D Audio Power Amplifier with AGC
APA2011HAI-TRG ANPEC-APA2011HAI-TRG Datasheet
684Kb / 27P
2.8W Mono Class D Audio Power Amplifier with AGC
APA2011QBI-TRG ANPEC-APA2011QBI-TRG Datasheet
684Kb / 27P
2.8W Mono Class D Audio Power Amplifier with AGC
More results


Similar Description - APA2308

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
Class AB stereo headphone driver
August 1994
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
Class AB stereo headphone driver
2002 Jul 19
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308 NXP-TDA1308 Datasheet
117Kb / 19P
Class-AB stereo headphone driver
Rev. 04-25 January 2007
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
Class AB Stereo Headphone Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com