Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431A Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

TL431A Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # TL431A
Download  TL431A Download
File Size   380.19 Kbytes
Page   11 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Fast Turn-On Response

TL431A Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431A Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # TL431A
Download  TL431A Click to download

File Size   380.19 Kbytes
Page   11 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Fast Turn-On Response

TL431A Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


TL431A Product details

Description:
The SMC431, TL431A and TL431 are 3-terminal adjustable precision shunt regulators with guaranteed temperature stability over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 2.495V (VREF) up to 30V merely by selecting two external resistors that act as a voltage divider network. These devices have a typical output impedance of 0.08Ω. Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent improved replacements for zener diodes in many applications. The precise ±0.5% reference voltage tolerance of the SMC431 makes it possible in many applications to avoid the use of a variable resistor, consequently saving cost and eliminating drift and reliability problems associated with it.

Features:
• Precision Reference Voltage.
   SMC431 : 2.495V ±0.5%
   TL431A : 2.495V ±1.0%
   TL431 : 2.495V ±1.6%
• Sink Current Capability: 200mA.
• Minimum Cathode Current for Regulation: 250μA.
• Equivalent Full-Range Temperature Coefficient: 50 ppm/℃.
• Fast Turn-On Response.
• Low Dynamic Output Impedance: 0.08Ω.
• Adjustable Output Voltage.
• Low Output Noise.
• Space Saving Packages: SOT-23

Applications:
• Linear Regulators.
• Adjustable Supplies.
• Switching Power Supplies.
• Battery Operated Computers.
• Instrumentation.
• Computer Disk Drivers.




Similar Part No. - TL431A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431A TI-TL431A Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Analog Intergrations Co...
TL431A AIC-TL431A Datasheet
194Kb / 11P
Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431A TI-TL431A Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL431A UTC-TL431A Datasheet
158Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431A TI-TL431A Datasheet
1Mb / 61P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - TL431A

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
Fast Turn-on Asymmetric Thyristor
XT2116 DYNEX-XT2116 Datasheet
30Kb / 4P
Fast Turn-on Asymmetric Thyristor
ACR300SG33 DYNEX-ACR300SG33_06 Datasheet
129Kb / 7P
Fast Turn-on Asymmetric Thyristor
logo
Solid State Optronic
M250 SSOUSA-M250_15 Datasheet
177Kb / 5P
Fast turn-on (50us TYP)
logo
First Components Intern...
BAT54WS FCI-BAT54WS Datasheet
143Kb / 2P
Low Turn-On Voltage, Fast Switching
logo
SHIKUES Electronics
BAS40WS SKTECHNOLGY-BAS40WS Datasheet
1Mb / 3P
Low Turn-on Voltage, Fast Switching
BAS70 SKTECHNOLGY-BAS70 Datasheet
863Kb / 1P
Low Turn-on Voltage, Fast Switching
BAS70W SKTECHNOLGY-BAS70W Datasheet
1Mb / 2P
Low Turn-on Voltage, Fast Swithing
BAS70WS SKTECHNOLGY-BAS70WS Datasheet
1Mb / 3P
Low-Turn-on Volatage, Fast Swithing
BAT54T SKTECHNOLGY-BAT54T Datasheet
709Kb / 3P
Low Turn-on voltage, Fast Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com