Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGP10N60T Datasheet (PDF) - Infineon Technologies AG

IGP10N60T Datasheet PDF - Infineon Technologies AG
Part # IGP10N60T
Download  IGP10N60T Download
File Size   444.67 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology

IGP10N60T Datasheet (PDF)

Go To PDF Page Download Datasheet
IGP10N60T Datasheet PDF - Infineon Technologies AG

Part # IGP10N60T
Download  IGP10N60T Click to download

File Size   444.67 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology

IGP10N60T Datasheet (HTML) - Infineon Technologies AG


IGP10N60T Product details

Features:
 Very low VCE(sat) 1.5V (typ.)
 Maximum Junction Temperature 175°C
 Short circuit withstand time 5s
 Designed for :
- Variable Speed Drive for washing machines and air conditioners
- induction cooking
- Uninterrupted Power Supply
 TRENCHSTOP™ and Fieldstop technology for 600V applications offers :
- very tight parameter distribution
- high ruggedness, temperature stable behaviour
 NPT technology offers easy parallel switching capability due to
positive temperature coefficient in VCE(sat)
 Low EMI
 Low Gate Charge
 Qualified according to JEDEC1
for target applications
 Pb-free lead plating; RoHS compliant
 Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/




Similar Part No. - IGP10N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP10N60T INFINEON-IGP10N60T Datasheet
316Kb / 12P
Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 June 06
IGP10N60T INFINEON-IGP10N60T Datasheet
357Kb / 12P
Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IGP10N60T INFINEON-IGP10N60T_07 Datasheet
357Kb / 12P
Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
More results


Similar Description - IGP10N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW30N100T INFINEON-IGW30N100T Datasheet
802Kb / 11P
Low Loss IGBT: IGBT in TrenchStop and Fieldstop technology
Rev 2.4 2009-12-02
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGP06N60T INFINEON-IGP06N60T_13 Datasheet
494Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.3 20.09.2013
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
IGB10N60T INFINEON-IGB10N60T_15 Datasheet
608Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.1 30.04.2015
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com