Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3053 Datasheet (PDF) - NEC

K3053 Datasheet PDF - NEC
Part # K3053
Download  K3053 Download
File Size   68.75 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE

K3053 Datasheet (PDF)

Go To PDF Page Download Datasheet
K3053 Datasheet PDF - NEC

Part # K3053
Download  K3053 Click to download

File Size   68.75 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE

K3053 Datasheet (HTML) - NEC


K3053 Product details

SWITCHING

N-CHANNEL POWER MOS FET

INDUSTRIAL USE



DESCRIPTION

The 2SK3053 is N-Channel MOS Field Effect Transistor designed for high current switching applications in consumer instruments.





FEATURES

• Low On-State Resistance

RDS(on)1= 45 mΩMAX. (VGS= 10 V, ID= 13 A)

RDS(on)2= 70 mΩMAX. (VGS= 4.0 V, ID= 13 A)

• Low Ciss: Ciss= 790 pF TYP.

• Built-in Gate Protection Diode

• Isolated TO-220 package






Similar Part No. - K3053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K3050 ETC2-K3050 Datasheet
262Kb / 1P
Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
K3051 ETC2-K3051 Datasheet
262Kb / 1P
Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
logo
NEC
K3055 NEC-K3055 Datasheet
63Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Similar Description - K3053

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2511 NEC-2SK2511 Datasheet
116Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP80N055 NEC-NP80N055 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK1294 RENESAS-2SK1294 Datasheet
379Kb / 9P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
July 1993
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com