Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7226KP Datasheet (PDF) - Exar Corporation

MP7226KP Datasheet PDF - Exar Corporation
Part # MP7226KP
Download  MP7226KP Download
File Size   179.19 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter

MP7226KP Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7226KP Datasheet PDF - Exar Corporation

Part # MP7226KP
Download  MP7226KP Click to download

File Size   179.19 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter

MP7226KP Datasheet (HTML) - Exar Corporation


MP7226KP Product details

GENERAL DESCRIPTION
The MP7226 contains four 8-bit voltage-output Digital-to-Analog Converters, with BiCMOS output buffer amplifiers and interface logic on a monolithic chip. Separate on-chip latches are provided for each of the four D/A converters. The control logic is speed compatible with most 8-bit microprocessors. All digital inputs are TTL/CMOS(5V) compatible.

FEATURES
• MPS Pioneered Segmented DAC Approach
• Four 8-Bit DACs with Buffer Amplifiers
• Bipolar Amplifier Inputs for Low Noise and Drift
• Operates with Single or Dual Supplies
• µP Compatible (95ns WR)
• No External Adjustments Required
• Power-on-Reset Function
• Specified for 5 to 15 V Operation
• ESD Protection: 2000 Volts Minimum
• Latch-Up Proof
• Octal Available: MP7228

BENEFITS
• Reduced Board Space; Lower System Cost
• Reduced System Errors due to Excellent DAC-to-DAC Matching and Tracking
• Easy to Design with Microprocessors
• Stable, High Reliability through Advanced Processing
• Lower 1/f Noise Increases Useful Dynamic Range

APPLICATIONS
• Function Generators
• Automatic Test Equipment
• Process Controls




Similar Part No. - MP7226KP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP725 ETC-MP725 Datasheet
48Kb / 1P
MP725 Surface Mount Power Film Resistors
MP725 ETC2-MP725 Datasheet
138Kb / 1P
Surface Mount Power Film Resistors
logo
Caddock Electronics, In...
MP725 CADDOCK-MP725 Datasheet
182Kb / 1P
MP725 Surface Mount Power Film Resistors
logo
Multicomp Pro
MP7250 MULTICOMP-MP7250 Datasheet
344Kb / 1P
Knurled Aluminium Shell Knobs
18/12/19 V1.1
MP7251 MULTICOMP-MP7251 Datasheet
344Kb / 1P
Knurled Aluminium Shell Knobs
18/12/19 V1.1
More results


Similar Description - MP7226KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com