Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP565D2T12 Datasheet (PDF) - ON Semiconductor

NCP565D2T12 Datasheet PDF - ON Semiconductor
Part # NCP565D2T12
Download  NCP565D2T12 Download
File Size   111.99 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A Low Dropout Linear Regulator

NCP565D2T12 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP565D2T12 Datasheet PDF - ON Semiconductor

Part # NCP565D2T12
Download  NCP565D2T12 Click to download

File Size   111.99 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.5 A Low Dropout Linear Regulator

NCP565D2T12 Datasheet (HTML) - ON Semiconductor


NCP565D2T12 Product details

The NCP565/NCV565 low dropout linear regulator will provide 1.5 A at a fixed output voltage or an adjustable voltage down to 0.9 V. The fast loop response and low dropout voltage make this regulator ideal for applications where low voltage and good load transient response are important. Device protection includes current limit, short circuit protection, and thermal shutdown.

Features
• Ultra Fast Transient Response ( < 1.0 μs)
• Low Ground Current (1.5 mA at Iload = 1.5 A)
• Low Dropout Voltage (0.9 V at Iload = 1.5 A)
• Low Noise (28 μVrms)
• 0.9 V Reference Voltage
• Adjustable Output Voltage from 7.7 V down to 0.9 V
• 1.2 V, 1.5 V, 2.8 V, 3.0 V, 3.3 V Fixed Output Versions. Other Fixed Voltages Available on Request
• Current Limit Protection (3.3 A Typ)
• Thermal Shutdown Protection (160°C)
• NCV Prefix for Automotive and Other Applications Requiring
    Unique Site and Control Change Requirements; AEC−Q100
    Qualified and PPAP Capable
• These are Pb−Free Devices

Typical Applications
• Servers
• ASIC Power Supplies
• Post Regulation for Power Supplies
• Constant Current Source




Similar Part No. - NCP565D2T12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565D2T12 ONSEMI-NCP565D2T12 Datasheet
135Kb / 16P
1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP565D2T12 ONSEMI-NCP565D2T12 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565D2T12G ONSEMI-NCP565D2T12G Datasheet
135Kb / 16P
1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP565D2T12G ONSEMI-NCP565D2T12G Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565D2T12R4 ONSEMI-NCP565D2T12R4 Datasheet
135Kb / 16P
1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results


Similar Description - NCP565D2T12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
11-Nov-2020
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
1Mb / 30P
TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
06-Dec-2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com