Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3F9488 Datasheet (PDF) - Samsung semiconductor

3F9488 Datasheet PDF - Samsung semiconductor
Part # 3F9488
Download  3F9488 Download
File Size   1030.38 Kbytes
Page   49 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 8-bit CMOS Microcontroller Revision 1

3F9488 Datasheet (PDF)

Go To PDF Page Download Datasheet
3F9488 Datasheet PDF - Samsung semiconductor

Part # 3F9488
Download  3F9488 Click to download

File Size   1030.38 Kbytes
Page   49 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 8-bit CMOS Microcontroller Revision 1

3F9488 Datasheet (HTML) - Samsung semiconductor


3F9488 Product details

PRODUCT OVERVIEW

S3C9-SERIES MICROCONTROLLERS
Samsungs SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-programmable ROM sizes.
A address/data bus architecture and a large number of bit-configurable I/O ports provide a flexible programming environment for applications with varied memory and I/O requirements. Timer/counters with selectable operating modes are included to support real-time operations.

S3C9484/C9488/F9488 MICROCONTROLLER
The S3C9484/C9488/F9488 single-chip CMOS microcontrollers are fabricated using the highly advanced CMOS process technology based on Samsung’s latest CPU architecture.

The S3C9484 is a microcontroller with a 4K-byte mask-programmable ROM embedded.
The S3C9488 is a microcontroller with a 8K-byte mask-programmable ROM embedded.
The S3F9488 is a microcontroller with a 8K-byte multi time programmable ROM embedded.

Using a proven modular design approach, Samsung engineers have successfully developed the S3C9484/C9488/F9488 by integrating the following peripheral modules with the powerful SAM88 RCRI core:

— Five configurable I/O ports (38 pins) with 8-pin LED direct drive and LCD display
— Ten interrupt sources with one vector and one interrupt level
— One watchdog timer function with two source clock
   (Basic Timer overflow and internal RC oscillator)
— One 8-bit basic timer for oscillation stabilization
— Watch timer for real time clock
— Two 8-bit timer/counter with time interval, PWM, and Capture mode
— Analog to digital converter with 9 input channels and 10-bit resolution
— One asynchronous UART

The S3C9484/C9488/F9488 microcontroller is ideal for use in a wide range of home applications requiring simple timer/counter, ADC, LED or LCD display with ADC application, etc. They are currently available in 32-pin SOP/SDIP, 42-pin SDIP and 44-pin QFP package.





Similar Description - 3F9488

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com