Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC870 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC870 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC870
Download  VSC870 Download
File Size   511.47 Kbytes
Page   40 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description High Performance Serial Backplane Transceiver

VSC870 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC870 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC870
Download  VSC870 Click to download

File Size   511.47 Kbytes
Page   40 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description High Performance Serial Backplane Transceiver

VSC870 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC870 Product details

General Description
The VSC870 serial backplane transceiver has been designed to operate with the VSC880 serial crosspoint switch to establish a synchronous high performance switching system. The VSC870 can also connect directly to another transceiver to act as a high bandwidth backplane interconnect link. The transmitter converts a 32-bit parallel interface operating at 62.5Mb/s to a 34-bit serial data stream operating a 2.125Gb/s. The receiver converts a 34-bit serial interface operating at 2.125Gb/s to a 32-bit parallel interface operating at 62.5Mb/s.
   
Features
• Performs 32-Bit Parallel to Serial and Serial to
    Parallel Functions
• Serial Data Rates are 2.0Gb/s
• Designed in Conjunction with the VSC880 Serial
    Crosspoint Switch
• Performs Bit Alignment, Word Alignment and
    Cell Alignment
• Three Modes of Operation:
    Distributed Control Packet Mode, Central
    Control Cell Mode and Direct Mode
• Support for Multicast and Multiple Input Queues
• Supports Priorities, Camp-on and
    Retransmission Capability in Packet Mode
• Built-in Flow Control Channel in Packet Mode
• Supports Cell Synchronization in Cell Mode
• Interfaces Directly with Industry Standard
    FIFOs
• Contains Redundant Serial I/Os and Internal
    Loopback Mode
• 5V Tolerant TTL Inputs
• Single 3.3V Power Supply
• Available in 192 BGA Package
   




Similar Part No. - VSC870

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC872 VITESSE-VSC872 Datasheet
444Kb / 2P
80 Gb/s Intelligent Switch Fabric
VSC874 VITESSE-VSC874 Datasheet
503Kb / 2P
10 Gbps Queue Manager with Integrated SPI4.2 Interface
More results


Similar Description - VSC870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRA150D-050-5 ETC1-TRA150D-050-5 Datasheet
76Kb / 6P
High Performance ASK Transceiver
logo
Applied Micro Circuits ...
S2042 AMCC-S2042 Datasheet
230Kb / 20P
HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
logo
ams AG
AS8221 AMSCO-AS8221 Datasheet
61Kb / 2P
High Performance Bus Transceiver
logo
FCI connector
10091844-101LF FCI-CONNECTOR-10091844-101LF Datasheet
1Mb / 4P
XCede짰 High-Performance Backplane Connector System
logo
Texas Instruments
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Macronix International
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
High Performance Serial MRAM Memory
Feb.21.23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com