Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFC05-5 Datasheet (PDF) - Protek Devices

SFC05-5 Datasheet PDF - Protek Devices
Part # SFC05-5
Download  SFC05-5 Download
File Size   239.9 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description FLIP CHIP ARRAY

SFC05-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFC05-5 Datasheet PDF - Protek Devices

Part # SFC05-5
Download  SFC05-5 Click to download

File Size   239.9 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description FLIP CHIP ARRAY

SFC05-5 Datasheet (HTML) - Protek Devices


SFC05-5 Product details

DeSCRiPtion
The SFC05-5 is a 5 Volt, flip chip transient voltage suppressor (TVS) array designed to provide protection for power bus, data, control or I/O lines. Rated at 250 Watts peak pulse power for an 8/20µs waveshape, this device protects 5 unidirectional lines or 4 bidirectional lines.
This device is a type of chip scale package (CSP) that can be mounted onto a printed circuit board or in a connector requiring a limited amount of space and is compatible with “pick and place” equipment for automatic assembly. The SFC05-5 is compatible with IEC 61000-4-2 (ESD), 61000-4-4(EFT) and 61000-4-5(Surge) requirements.

FeatuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line - Gnd) & Level 3 (Line - Line)
• ESD Protection > 25 kilovolts
• 250 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Protects up to Five Unidirectional and Four Bidirectional Lines
• RoHS Compliant
• REACH Compliant

aPPliCationS
• Cellular Phones
• SMART Phones
• PCMCIA Cards
• Ground Positioning System (GPS)




Similar Part No. - SFC05-5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5 Datasheet
94Kb / 6P
FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5 Datasheet
932Kb / 10P
250w flip chip tvs array
SFC05-5-LF-T75-2 PROTEC-SFC05-5-LF-T75-2 Datasheet
94Kb / 6P
FLIP CHIP ARRAY
SFC05-5-T75-1 PROTEC-SFC05-5-T75-1 Datasheet
94Kb / 6P
FLIP CHIP ARRAY
SFC05-5-T75-2 PROTEC-SFC05-5-T75-2 Datasheet
94Kb / 6P
FLIP CHIP ARRAY
More results


Similar Description - SFC05-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P0406FC ETC-P0406FC Datasheet
117Kb / 6P
FLIP CHIP ARRAY
logo
Protek Devices
P0402FC PROTEC-P0402FC Datasheet
106Kb / 5P
FLIP CHIP ARRAY
P0402FC33C PROTEC-P0402FC33C Datasheet
106Kb / 5P
FLIP CHIP ARRAY
P0404FC33C PROTEC-P0404FC33C Datasheet
117Kb / 6P
FLIP CHIP ARRAY
P0406FC33C PROTEC-P0406FC33C Datasheet
120Kb / 6P
FLIP CHIP ARRAY
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
FLIP CHIP ARRAY
U0404FC33C PROTEC-U0404FC33C Datasheet
105Kb / 6P
UNBUMPED FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
79Kb / 5P
FLIP CHIP ARRAY
SFC05-4 PROTEC-SFC05-4_07 Datasheet
93Kb / 6P
FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5_07 Datasheet
94Kb / 6P
FLIP CHIP ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com