Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ85A Datasheet (PDF) - SUNMATE electronic Co., LTD

SMAJ85A Datasheet PDF - SUNMATE electronic Co., LTD
Part # SMAJ85A
Download  SMAJ85A Download
File Size   787.73 Kbytes
Page   5 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE

SMAJ85A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ85A Datasheet PDF - SUNMATE electronic Co., LTD

Part # SMAJ85A
Download  SMAJ85A Click to download

File Size   787.73 Kbytes
Page   5 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE

SMAJ85A Datasheet (HTML) - SUNMATE electronic Co., LTD


SMAJ85A Product details

VOLTAGE RANGE: 5.0 - 440 V

POWER: 400Watts



Features

• Glass Passivated Die Construction

• Uni- and Bi-Directional Versions Available

• Excellent Clamping Capability

• Fast Response Time

• Plastic Material: UL Flammability Classification Rating 94V-0



 




Similar Part No. - SMAJ85A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ85A JGD-SMAJ85A Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMAJ85A DIODES-SMAJ85A Datasheet
80Kb / 3P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 9 - 2
logo
EIC discrete Semiconduc...
SMAJ85A EIC-SMAJ85A Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMAJ85A ETC-SMAJ85A Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ85A DIODES-SMAJ85A Datasheet
79Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Similar Description - SMAJ85A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMAFJ5.0A SUNMATE-P6SMAFJ5.0A Datasheet
690Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMA5.0A SUNMATE-SMA5.0A Datasheet
690Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ220A SUNMATE-SMAJ220A Datasheet
787Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ28A SUNMATE-SMAJ28A Datasheet
787Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ30CA SUNMATE-SMAJ30CA Datasheet
787Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ45A SUNMATE-SMAJ45A Datasheet
787Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ45CA SUNMATE-SMAJ45CA Datasheet
787Kb / 5P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com