Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA-8343 Datasheet (PDF) - List of Unclassifed Manufacturers

SGA-8343 Datasheet PDF - List of Unclassifed Manufacturers
Part # SGA-8343
Download  SGA-8343 Download
File Size   181.24 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Noise, High Gain SiGe HBT

SGA-8343 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA-8343 Datasheet PDF - List of Unclassifed Manufacturers

Part # SGA-8343
Download  SGA-8343 Click to download

File Size   181.24 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Noise, High Gain SiGe HBT

SGA-8343 Datasheet (HTML) - List of Unclassifed Manufacturers


SGA-8343 Product details

[Stanford-Microdevices]

Product Description
Stanford Microdevices’ SGA-8343 is a high performance SiGe HBT amplifier designed for operation from DC to 6 GHz. This RF device uses the latest Silicon Germanium Heterostructure Bipolar Transistor (SiGe HBT) process. The SGA-8343 is optimized for 3V operation but can be biased at 2V for low-voltage battery operated systems. The device is easily matched as ΓOPT is very close to 50 ohms. This device provides high gain, low NF, and excellent linearity at a low cost.

Product Features
• 6 GHz Useful Bandwidth
• Low FMIN: 0.9 dB @ 0.9 GHz
                     1.1 dB @ 1.9 GHz
• High Gain (Gmax): 24 dB @ 0.9 GHz
                                 19 dB @ 1.9 GHz
• Easily Matched with |ΓOPT| = 0.17 @ 1.9 GHz
• OIP3 = +28.5 dBm, P1dB = +13 dBm
• Low Cost High Performance SiGe HBT

Applications
• LNA for Wireless Infrastructure
• Fixed Wireless Infrastructure
• Wireless Data
• Driver Stage for Low Power Applications
• Oscillators




Similar Part No. - SGA-8343

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-8343 SIRENZA-SGA-8343 Datasheet
96Kb / 4P
Low Noise, High Gain SiGe HBT
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
Reliability Qualification Report
logo
SIRENZA MICRODEVICES
SGA-8343Z SIRENZA-SGA-8343Z Datasheet
96Kb / 4P
Low Noise, High Gain SiGe HBT
More results


Similar Description - SGA-8343

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSG33001 PANASONIC-MSG33001 Datasheet
95Kb / 4P
SiGe HBT type For low-noise RF amplifier
MSG43001 PANASONIC-MSG43001 Datasheet
94Kb / 4P
SiGe HBT type For low-noise RF amplifier
MSG43004 PANASONIC-MSG43004 Datasheet
94Kb / 4P
SiGe HBT type For low-noise RF amplifier
MSG33002 PANASONIC-MSG33002 Datasheet
95Kb / 4P
SIGE HBT TYPE FOR LOW-NOISE RF AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-8343 SIRENZA-SGA-8343 Datasheet
96Kb / 4P
Low Noise, High Gain SiGe HBT
logo
Renesas Technology Corp
NESG3032M14 RENESAS-NESG3032M14 Datasheet
168Kb / 15P
NPN SiGe RF Transistor for Low Noise, High-Gain
NESG3033M14 RENESAS-NESG3033M14 Datasheet
176Kb / 16P
NPN SiGe RF Transistor for Low Noise, High-Gain
logo
RF Micro Devices
SGA6589Z RFMD-SGA6589Z Datasheet
466Kb / 6P
DC to 3500MHz, CASCADABLE LOW NOISE, HIGH GAIN SiGe HBT
SGA8343Z RFMD-SGA8343Z Datasheet
1Mb / 13P
LOW NOISE, HIGH GAIN SiGe HBT
logo
SHIKUES Electronics
BFG425W SKTECHNOLGY-BFG425W Datasheet
663Kb / 4P
Microwave, low noise, SiGe NPN HBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com