Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7738 Datasheet (PDF) - Analog Devices

AD7738 Datasheet PDF - Analog Devices
Part # AD7738
Download  AD7738 Download
File Size   407.32 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, High Throughput,

AD7738 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7738 Datasheet PDF - Analog Devices

Part # AD7738
Download  AD7738 Click to download

File Size   407.32 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, High Throughput,

AD7738 Datasheet (HTML) - Analog Devices


AD7738 Product details

GENERAL DESCRIPTION
The AD7738 is a high precision, high throughput analog front end. True 16-bit p-p resolution is achievable with a total conversion time of 117 µs (8.5 kHz channel switching), making it ideally suitable for high resolution multiplexing applications.

FEATURES
   High Resolution ADC
      24 Bits No Missing Codes
      ±0.0015% Nonlinearity
   Optimized for Fast Channel Switching
      18-Bits p-p Resolution (21 Bits Effective) at 500 Hz
      16-Bits p-p Resolution (19 Bits Effective) at 8.5 kHz
      15-Bits p-p Resolution (18 Bits Effective) at 15 kHz
      On-Chip Per Channel System Calibration
   Configurable Inputs
      8 Single-Ended or 4 Fully Differential
   Input Ranges
      +625 mV, +1.25 V, +2.5 V, ±625 mV, ±1.25 V, ±2.5 V
   3-Wire Serial Interface
      SPI™, QSPI™, MICROWIRE™ and DSP Compatible
      Schmitt Trigger on Logic Inputs
   Single-Supply Operation
      5 V Analog Supply
      3 V or 5 V Digital Supply
   Package: 28-Lead TSSOP

APPLICATIONS
   PLCs/DCS
   Multiplexing Applications
   Process Control
   Industrial Instrumentation




Similar Part No. - AD7738

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7738 AD-AD7738 Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7738 AD-AD7738 Datasheet
342Kb / 28P
8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738 AD-AD7738 Datasheet
417Kb / 29P
8-Channel, High Throughput, 24-Bit ADC
0
AD7738BRU AD-AD7738BRU Datasheet
342Kb / 28P
8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit - ADC
REV. 0
More results


Similar Description - AD7738

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 031405
logo
Analog Devices
AD7739 AD-AD7739 Datasheet
380Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7738 AD-AD7738_15 Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit ADC
REV. 0
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7738 AD-AD7738_17 Datasheet
417Kb / 29P
8-Channel, High Throughput, 24-Bit ADC
0
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256_V01 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 012506
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com