Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB2-6SNUL-N Datasheet (PDF) - NEC

EB2-6SNUL-N Datasheet PDF - NEC
Part # EB2-6SNUL-N
Download  EB2-6SNUL-N Download
File Size   114.34 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE

EB2-6SNUL-N Datasheet (PDF)

Go To PDF Page Download Datasheet
EB2-6SNUL-N Datasheet PDF - NEC

Part # EB2-6SNUL-N
Download  EB2-6SNUL-N Click to download

File Size   114.34 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE

EB2-6SNUL-N Datasheet (HTML) - NEC


EB2-6SNUL-N Product details

DESCRIPTION
The EB2 series is a version of the EA2 series, suitable for surface mounting with infrared soldering (lRS) and vapor phase soldering (VPS). This series has three variations of high solder joint reliability type, and low profile type.

FEATURES
● Compact and lightweight : 7.5 mm × 14.3 mm × 9.3 mm, 1.5 g
● 2 form c contact arrangement
● Low power consumption
● Low magnetic interference
● Breakdown voltage: 1 000 VAC (surge voltage 1 500 V), FCC Part 68 conformable
● UL recognized (E73266), CSA certified (LR 46266)
● Lineup in non-latch, single-coil latch and double-coil latch types
● Lineup in minimum footprint (9.3 × 14.3), and high solder joint reliability (20 years) types
● Lineup in low profile type (hight : 6.5 mm), and Ultra-low profile (hight : 5.6 mm)

APPLICATIONS
   Electronic switching systems, PBX, key telephone systems, automatic test equipment and other electronic equipment.




Similar Part No. - EB2-6SNUL-N

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EB2-12NU KEMET-EB2-12NU Datasheet
1Mb / 17P
Electronic switching systems
EB2-12NU-L KEMET-EB2-12NU-L Datasheet
1Mb / 17P
Electronic switching systems
EB2-12SNU KEMET-EB2-12SNU Datasheet
1Mb / 17P
Electronic switching systems
EB2-12SNU-L KEMET-EB2-12SNU-L Datasheet
1Mb / 17P
Electronic switching systems
EB2-12TNU KEMET-EB2-12TNU Datasheet
1Mb / 17P
Electronic switching systems
More results


Similar Description - EB2-6SNUL-N

ManufacturerPart #DatasheetDescription
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
HuaXinAn Electronics CO...
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
Small size and light weight
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
Small size and light weight
logo
jb Capacitors Company
JSU JBCAPACITORS-JSU Datasheet
328Kb / 1P
Compact and light weight
logo
Jianghai Europe GmbH
CD17HS JIANGHAI-CD17HS Datasheet
587Kb / 2P
Copampact and light weight
logo
NIHON DEMPA KOGYO
NX1610SA NDK-NX1610SA Datasheet
734Kb / 1P
Ultra compact, thin, and light weight tuning fork crystal unit.
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
Small size and light weight
logo
NIHON DEMPA KOGYO
NX3215SB NDK-NX3215SB Datasheet
94Kb / 1P
Ultra compact, thin, and light weight tuning fork crystal unit.
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com