Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSZ070N08LS5 Datasheet (PDF) - Infineon Technologies AG

BSZ070N08LS5 Datasheet PDF - Infineon Technologies AG
Part # BSZ070N08LS5
Download  BSZ070N08LS5 Download
File Size   1434.77 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS짧5 Power-Transistor, 80 V

BSZ070N08LS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSZ070N08LS5 Datasheet PDF - Infineon Technologies AG

Part # BSZ070N08LS5
Download  BSZ070N08LS5 Click to download

File Size   1434.77 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS짧5 Power-Transistor, 80 V

BSZ070N08LS5 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BSZ070N08LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ076N06NS3G INFINEON-BSZ076N06NS3G Datasheet
248Kb / 9P
OptiMOS3 Power-Transistor
Rev.2.4 2009-11-11
More results


Similar Description - BSZ070N08LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB073N15N5 INFINEON-IPB073N15N5 Datasheet
1Mb / 11P
OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-17
IPB048N15N5 INFINEON-IPB048N15N5 Datasheet
1Mb / 11P
OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-05
IPB044N15N5 INFINEON-IPB044N15N5 Datasheet
1Mb / 10P
OptiMOS짧5 Power-Transistor, 150 V
2016-04-06
IPP076N15N5 INFINEON-IPP076N15N5 Datasheet
1Mb / 10P
OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
IPP051N15N5 INFINEON-IPP051N15N5 Datasheet
1Mb / 10P
OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPI076N15N5 INFINEON-IPI076N15N5 Datasheet
1Mb / 10P
OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-03-03
IPI051N15N5 INFINEON-IPI051N15N5 Datasheet
1Mb / 10P
OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-02-01
IPP030N10N5 INFINEON-IPP030N10N5_16 Datasheet
1Mb / 11P
OptiMOS짧5 Power-Transistor, 100 V
Rev.2.2,2016-07-22
IPB060N15N5 INFINEON-IPB060N15N5 Datasheet
1Mb / 11P
OptiMOS짧5 Power-Transistor, 150 V
Rev.2.0,2016-12-13
IPP039N10N5 INFINEON-IPP039N10N5 Datasheet
1Mb / 11P
OptiMOS짧5 Power-Transistor, 100 V
Rev.2.0,2016-11-22
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com