Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6302 Datasheet (PDF) - SUNMATE electronic Co., LTD

1N6302 Datasheet PDF - SUNMATE electronic Co., LTD
Part # 1N6302
Download  1N6302 Download
File Size   745.84 Kbytes
Page   4 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE

1N6302 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6302 Datasheet PDF - SUNMATE electronic Co., LTD

Part # 1N6302
Download  1N6302 Click to download

File Size   745.84 Kbytes
Page   4 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE

1N6302 Datasheet (HTML) - SUNMATE electronic Co., LTD


1N6302 Product details

Features
• 1500W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)
• Typical IR less then 1mA above 10V




Similar Part No. - 1N6302

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6302 TRSYS-1N6302 Datasheet
251Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6302 DCCOM-1N6302 Datasheet
740Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6302 EIC-1N6302 Datasheet
27Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1N6302 MICROSEMI-1N6302 Datasheet
252Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Vishay Siliconix
1N6302 VISHAY-1N6302 Datasheet
113Kb / 6P
TRANSZORB Transient Voltage Suppressors
30-Oct-02
More results


Similar Description - 1N6302

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6303 SUNMATE-1N6303 Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6303A SUNMATE-1N6303A Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6267 SUNMATE-1N6267_15 Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com