Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM91710A Datasheet (PDF) - ELAN Microelectronics Corp

HM91710A Datasheet PDF - ELAN Microelectronics Corp
Part # HM91710A
Download  HM91710A Download
File Size   131.89 Kbytes
Page   19 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE SWITCHABLE DIALER

HM91710A Datasheet (PDF)

Go To PDF Page Download Datasheet
HM91710A Datasheet PDF - ELAN Microelectronics Corp

Part # HM91710A
Download  HM91710A Click to download

File Size   131.89 Kbytes
Page   19 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description TONE/PULSE SWITCHABLE DIALER

HM91710A Datasheet (HTML) - ELAN Microelectronics Corp


HM91710A Product details

GENERAL DESCRIPTION

The HM91710A/B are Tone/Pulse switchable dialer which are fabricated in CMOS technology with wide operating voltage for both tone and pulse mode, and consumes very low memory retention current in ON-HOOK state.



FEATURES

• Tone/pulse switchable dialer.

• One 32-digit last number redial memory.

• Pulse to tone (P→T) is provided for PBX operation.

• Flash key is available.

• Minimum tone duration is 98ms or 83ms.

• Minimum intertone pause is 98ms or 83ms.

• Uses 3.579545 MHz crystal or ceramic resonator.

• Many options can be selected.

   Mode (10 PPS ; 20 PPS ; Tone)

   M/B ratio (40 : 60 ; 33 : 66)

   Pause time (3.6s)

• Flash function (RESET)

   P→T pause time (3.6s)

   Flash time (600ms; 300ms; 100ms; or 80ms).

• Mixed dialing.

• Handfree function is provided for speaker phone application.

• Power on reset circuit is provided.

• Package in DIP18 or DIP16.




Similar Part No. - HM91710A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM9100A1 ETC-HM9100A1 Datasheet
67Kb / 1P
TOUCH PULSE DIALER WITH REDIAL
HM9100B1 ETC-HM9100B1 Datasheet
67Kb / 1P
TOUCH PULSE DIALER WITH REDIAL
HM9100C1 ETC-HM9100C1 Datasheet
67Kb / 1P
TOUCH PULSE DIALER WITH REDIAL
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
HM9101BY ETC-HM9101BY Datasheet
82Kb / 1P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
More results


Similar Description - HM91710A

ManufacturerPart #DatasheetDescription
logo
Winbond
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9104 ETC-HM9104 Datasheet
78Kb / 1P
TONE/PULSE SWITCHABLE & 4 MEMORY DIALER
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
ELAN Microelectronics C...
EM91710 EMC-EM91710 Datasheet
159Kb / 19P
TONE/PULSE SWITCHABLE DIALER
logo
List of Unclassifed Man...
HM9112 ETC-HM9112 Datasheet
116Kb / 1P
Tone/Pulse Switchable & 10 Memory Dialer
HM9114 ETC1-HM9114 Datasheet
118Kb / 1P
TONE/PULSE SWITCHABLE & 15 MEMORY DIALER
logo
LG Semicon Co.,Ltd.
GM6390 LG-GM6390 Datasheet
279Kb / 11P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
OKI electronic componet...
MSM6052 OKI-MSM6052 Datasheet
851Kb / 21P
TONE/PULSE SWITCHABLE REPERTORY DIALER
logo
STMicroelectronics
MK53731 STMICROELECTRONICS-MK53731 Datasheet
525Kb / 8P
SINGLE NUMBER PULSE TONE SWITCHABLE DIALER
logo
Winbond
WE9142 WINBOND-WE9142 Datasheet
728Kb / 16P
10-MEMORY TONE/PULSE SWITCHABLE DIALER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com