Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR21571 Datasheet (PDF) - International Rectifier

IR21571 Datasheet PDF - International Rectifier
Part # IR21571
Download  IR21571 Download
File Size   234.63 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FULLY INTEGRATED BALLAST CONTROL IC

IR21571 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR21571 Datasheet PDF - International Rectifier

Part # IR21571
Download  IR21571 Click to download

File Size   234.63 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FULLY INTEGRATED BALLAST CONTROL IC

IR21571 Datasheet (HTML) - International Rectifier


IR21571 Product details

Description

The IR21571 is a fully integrated, fully protected 600V ballast control IC designed to drive virtually all types of rapid start fluorescent lamp ballasts. Externally programmable features such as preheat time & frequency, ignition ramp characteris tics, and running mode operating frequency provide a high degree of flexibility for the ballast design engineer. Comprehensive protection features such as protection from failure of a lamp to strike, filament failures, low dc bus conditions, thermal

overload, or lamp failure during normal operation, as well as an automatic restart function, have been included in the design. The heart of this control IC is a variable frequency oscillator with externally programmable deadtime. Precise control of a 50% duty cycle is accomplished using a T-flip-flop. The IR21571 is available in both 16 pin DIP and 16 pin narrow body SOIC packages.



Features

•Programmable preheat time & frequency

•Programmable ignition ramp

•Protection from failure-to-strike

•Lamp filament sensing & protection

•Protection from operation below resonance - 0.2V CS threshold sync’d to falling edge on LO

•Protection from low-line condition

•Automatic restart for lamp exchange

•Thermal overload protection

•Programmable deadtime

•Integrated 600V level-shifting gate driver

•Internal 15.6V zener clamp diode on VCC

•Micropower startup (150uA)

•Latch immunity protection on all leads

•ESD protection on all leads




Similar Part No. - IR21571

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571 Datasheet
355Kb / 16P
High Power Factor/Low THD
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
More results


Similar Description - IR21571

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
International Rectifier
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
FULLY INTEGRATED BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
Ballast Control IC
logo
International Rectifier
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
BALLAST CONTROL IC
logo
International Rectifier
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com