Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT7515 Datasheet (PDF) - List of Unclassifed Manufacturers

WT7515 Datasheet PDF - List of Unclassifed Manufacturers
Part # WT7515
Download  WT7515 Download
File Size   64.27 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description provides protection circuits

WT7515 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT7515 Datasheet PDF - List of Unclassifed Manufacturers

Part # WT7515
Download  WT7515 Click to download

File Size   64.27 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description provides protection circuits

WT7515 Datasheet (HTML) - List of Unclassifed Manufacturers


WT7515 Product details

[Weltrend]

GENERAL DESCRIPTION
The WT7515 provides protection circuits, power good output (PGO), fault protection latch (FPOB), and a protection detector function (PSONB) control. It can minimize external components of switching power supply systems in personal computer. The Over / Under Voltage Detector (OVD / UVD) monitors 3.3V, 5V, 12V input voltage level. The Over Current Detector (OCD) monitor IS33, IS5, IS12 input current sense. When OVD or UVD or OCD detect the fault voltage level, the FPOB is latched HIGH and PGO go low. The latch can be reset by PSONB go HIGH. There is 2.4 ms delay time for PSONB turn off FPOB. When OVD and UVD and OCD detect the right voltage level, the power good output (PGO) will be issue.

FEATURES
• The Over / Under Voltage Detector (OVD / UVD) monitors 3.3V, 5V, 12V input voltage level.
• The Over Current Detector (OCD) monitors IS33, IS5, IS12 input current sense.
• Both of the power good output (PGO) and fault protection latch (FPOB) are Open Drain Output.
• 75 / 300 ms time delay for UVD.
• 300 ms time delay for PGO.
• 38 ms for PSONB input signal De–bounce.
• 73 us for internal signal De–glitches.
• 2.4 ms time delay for PSONB turn-off FPOB.




Similar Part No. - WT7515

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Weltrend Semiconductor
WT751002 WELTREND-WT751002 Datasheet
235Kb / 8P
PC POWER SUPPLY SUPERVISOR
REV. 1.00 August 20, 2002
WT751002-N080WT WELTREND-WT751002-N080WT Datasheet
235Kb / 8P
PC POWER SUPPLY SUPERVISOR
REV. 1.00 August 20, 2002
WT751002-S080WT WELTREND-WT751002-S080WT Datasheet
235Kb / 8P
PC POWER SUPPLY SUPERVISOR
REV. 1.00 August 20, 2002
logo
List of Unclassifed Man...
WT7511 ETC-WT7511 Datasheet
61Kb / 1P
protection circuits, power good output (PGO), fault protection latch (FPL_N) and a protection detector function (PDON_N) control
More results


Similar Description - WT7515

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT7513 ETC-WT7513 Datasheet
60Kb / 2P
provides protection circuits, power good output(PGO)
logo
Microsemi Corporation
IN6461 MICROSEMI-IN6461 Datasheet
68Kb / 2P
HIGH SUGRE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
logo
Littelfuse
SDP0640Q38B LITTELFUSE-SDP0640Q38B Datasheet
139Kb / 5P
This new SIDACtor짰 Series provides overvoltage protection
logo
Microsemi Corporation
JANTX1N647-1 MICROSEMI-JANTX1N647-1 Datasheet
185Kb / 3P
High surge current and peak pulse power provides transient voltage protection for sensitive circuits
logo
3M Electronics
3341-7 3M-3341-7 Datasheet
1Mb / 5P
Provides EMI/ESD protection similar to aluminium die cast
10-Feb-2009
logo
New Jersey Semi-Conduct...
1N6103A NJSEMI-1N6103A Datasheet
89Kb / 1P
HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS
logo
IK Semicon Co., Ltd
ILA1062 IKSEMICON-ILA1062 Datasheet
239Kb / 11P
Provides a supply for external circuits
logo
Littelfuse
FPU-32 LITTELFUSE-FPU-32 Datasheet
283Kb / 1P
The FPU-32 Feeder Protection Unit provides integrated
logo
New Jersey Semi-Conduct...
1N6461 NJSEMI-1N6461 Datasheet
80Kb / 1P
HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
logo
PHOENIX CONTACT
2316446 PHOENIX-2316446 Datasheet
78Kb / 3P
Provides current limiting short-circuit protection per spur
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com