Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP165R660CFD Datasheet (PDF) - Infineon Technologies AG

IP165R660CFD Datasheet PDF - Infineon Technologies AG
Part # IP165R660CFD
Download  IP165R660CFD Download
File Size   4469.97 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Metal Oxide Semiconductor Field Effect Transistor

IP165R660CFD Datasheet (PDF)

Go To PDF Page Download Datasheet
IP165R660CFD Datasheet PDF - Infineon Technologies AG

Part # IP165R660CFD
Download  IP165R660CFD Click to download

File Size   4469.97 Kbytes
Page   21 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Metal Oxide Semiconductor Field Effect Transistor

IP165R660CFD Datasheet (HTML) - Infineon Technologies AG


IP165R660CFD Product details

Description
CoolMOS™ is a revolutionary technology for high voltage powerMOSFETs, designed according to the superjunction (SJ) principle and pioneered by Infineon Technologies. 650V CoolMOS™ CFD2 series combines the experience of the leading SJ MOSFET supplier with high class innovation. The resulting devices provide all benefits of a fast switching SJ MOSFET while offering an extremely fast and robust body diode. This combination of extremely low switching, commutation and conduction losses together with highest robustness make especially resonant switching applications more reliable, more efficient, lighter, and cooler

Features
• Ultra-fast body diode
• Very high commutation ruggedness
• Extremely low losses due to very low FOM Rdson*Qg and Eoss
• Easy to use/drive
​​​​​​​• Qualified for industrial grade applications according to JEDEC 
   (J-STD20 and JESD22)
• Pb-free plating, Halogen free mold compound

Applications
  650V CoolMOS™ CFD2 is especially suitable for resonant switching PWM
  stages for e.g. PC Silverbox, LCD TV, Lighting, Server, Telecom, and Solar.




Similar Part No. - IP165R660CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IP165R600C6 INFINEON-IP165R600C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
More results


Similar Description - IP165R660CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R099C7 INFINEON-IPA60R099C7_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
IPC26N12N INFINEON-IPC26N12N_15 Datasheet
1Mb / 4P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.5
BSC0503NSI INFINEON-BSC0503NSI_15 Datasheet
1Mb / 13P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
BSZ0503NSI INFINEON-BSZ0503NSI_15 Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
IPA60R380P6 INFINEON-IPA60R380P6_15 Datasheet
2Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
IPB60R600P6 INFINEON-IPB60R600P6_15 Datasheet
2Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
IPZ60R070P6 INFINEON-IPZ60R070P6_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
IPD65R650CE INFINEON-IPD65R650CE_15 Datasheet
1Mb / 17P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-16
IPP60R180C7 INFINEON-IPP60R180C7_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-05-08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com