Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1899-Z Datasheet (PDF) - TRANSYS Electronics Limited

2SD1899-Z Datasheet PDF - TRANSYS Electronics Limited
Part # 2SD1899-Z
Download  2SD1899-Z Download
File Size   56.33 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description TO-252 Plastic-Encapsulated Transistors

2SD1899-Z Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1899-Z Datasheet PDF - TRANSYS Electronics Limited

Part # 2SD1899-Z
Download  2SD1899-Z Click to download

File Size   56.33 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description TO-252 Plastic-Encapsulated Transistors

2SD1899-Z Datasheet (HTML) - TRANSYS Electronics Limited


2SD1899-Z Product details

FEATURES
    Power dissipation
           PCM: 2 W (Tamb=25℃)
    Collector current
            ICM: 3 A
    Collector-base voltage
          V(BR)CBO: 60 V
    Operating and storage junction temperature range 
            TJ, Tstg: -55℃to +150℃




Similar Part No. - 2SD1899-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1899-Z NEC-2SD1899-Z Datasheet
291Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
logo
TRANSYS Electronics Lim...
2SD1899-Z TEL-2SD1899-Z Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
Guangdong Kexin Industr...
2SD1899-Z KEXIN-2SD1899-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1899-Z RENESAS-2SD1899-Z Datasheet
1Mb / 7P
SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SD1899-Z ISC-2SD1899-Z Datasheet
275Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SD1899-Z

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA1952 JIANGSU-2SA1952 Datasheet
1Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
2SB1184 JIANGSU-2SB1184 Datasheet
1Mb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SB1261 JIANGSU-2SB1261 Datasheet
918Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SD1899 JIANGSU-2SD1899 Datasheet
862Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SA1012B JIANGSU-2SA1012B Datasheet
747Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SA1225 JIANGSU-2SA1225 Datasheet
1Mb / 4P
TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
2SD669 DGNJDZ-2SD669 Datasheet
1Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
MJD41C DGNJDZ-MJD41C Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
MJD3055 DGNJDZ-MJD3055 Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com