Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1899 Datasheet (PDF) - TRANSYS Electronics Limited

D1899 Datasheet PDF - TRANSYS Electronics Limited
Part # D1899
Download  D1899 Download
File Size   56.33 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description TO-252 Plastic-Encapsulated Transistors

D1899 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1899 Datasheet PDF - TRANSYS Electronics Limited

Part # D1899
Download  D1899 Click to download

File Size   56.33 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description TO-252 Plastic-Encapsulated Transistors

D1899 Datasheet (HTML) - TRANSYS Electronics Limited


D1899 Product details

FEATURES
    Power dissipation
           PCM: 2 W (Tamb=25℃)
    Collector current
            ICM: 3 A
    Collector-base voltage
          V(BR)CBO: 60 V
    Operating and storage junction temperature range 
            TJ, Tstg: -55℃to +150℃




Similar Part No. - D1899

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
D1897 SAVANTIC-D1897 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Vishay Siliconix
D189C20C0KH6.J5R VISHAY-D189C20C0KH6.J5R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
D189C20C0KH6.J5R VISHAY-D189C20C0KH6.J5R Datasheet
321Kb / 6P
D Series Narrow Tolerance
07-Jan-10
D189C20C0KH6.J5R VISHAY-D189C20C0KH6.J5R Datasheet
321Kb / 6P
Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
07-Jan-10
D189C20C0KH6.L2R VISHAY-D189C20C0KH6.L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
More results


Similar Description - D1899

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA1952 JIANGSU-2SA1952 Datasheet
1Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
2SB1184 JIANGSU-2SB1184 Datasheet
1Mb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SB1261 JIANGSU-2SB1261 Datasheet
918Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SD1899 JIANGSU-2SD1899 Datasheet
862Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SA1012B JIANGSU-2SA1012B Datasheet
747Kb / 4P
TO-252-2L Plastic-Encapsulate Transistors
2SA1225 JIANGSU-2SA1225 Datasheet
1Mb / 4P
TO-252-2L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
2SD669 DGNJDZ-2SD669 Datasheet
1Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
MJD41C DGNJDZ-MJD41C Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
MJD3055 DGNJDZ-MJD3055 Datasheet
2Mb / 5P
TO-252-2L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com