Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT111N20NFD Datasheet (PDF) - Infineon Technologies AG

IPT111N20NFD Datasheet PDF - Infineon Technologies AG
Part # IPT111N20NFD
Download  IPT111N20NFD Download
File Size   1010.44 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS짧3 Power-Transistor, 200 V

IPT111N20NFD Datasheet (PDF)

Go To PDF Page Download Datasheet
IPT111N20NFD Datasheet PDF - Infineon Technologies AG

Part # IPT111N20NFD
Download  IPT111N20NFD Click to download

File Size   1010.44 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS짧3 Power-Transistor, 200 V

IPT111N20NFD Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - IPT111N20NFD

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPT1 SAMTEC-IPT1 Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
IPT1 SAMTEC-IPT1 Datasheet
508Kb / 1P
SHROUDED POWER CONNECTOR SET
IPT1-115-01-S-D-RA SAMTEC-IPT1-115-01-S-D-RA Datasheet
508Kb / 1P
SHROUDED POWER CONNECTOR SET
logo
Pepperl+Fuchs Inc.
IPT1-FP PF-IPT1-FP Datasheet
481Kb / 2P
Read/write head
logo
IP SEMICONDUCTOR CO., L...
IPT1206-BEA IPS-IPT1206-BEA Datasheet
226Kb / 4P
High current density due to double mesa technology
More results


Similar Description - IPT111N20NFD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6796 ETC2-2N6796 Datasheet
47Kb / 5P
100 V, 200 V, 400 V & 500 V, N-Channel, Enhancement Mode MOSFET Power Transistor
logo
NXP Semiconductors
PMBT3904M NXP-PMBT3904M Datasheet
91Kb / 11P
40 V, 200 mA NPN switching transistor
Rev. 01-21 July 2009
logo
Infineon Technologies A...
IPT210N25NFD INFINEON-IPT210N25NFD Datasheet
1,005Kb / 10P
OptiMOS짧3 Power-Transistor, 250 V
Rev.2.0,2016-01-11
IPB009N03LG INFINEON-IPB009N03LG_16 Datasheet
1Mb / 11P
OptiMOS짧3 Power-Transistor, 30 V
Rev.2.0,2016-04-21
BSC350N20NSFD INFINEON-BSC350N20NSFD Datasheet
937Kb / 11P
OptiMOSTM3 Power-Transistor, 200 V
Rev.2.1,2016-12-05
BSF450NE7NH3G INFINEON-BSF450NE7NH3G Datasheet
1Mb / 14P
OptiMOS짧3 Power-MOSFET, 75 V
Rev.2.2,2015-03-30
logo
NXP Semiconductors
PMSTA3904 NXP-PMSTA3904 Datasheet
80Kb / 12P
40 V, 200 mA NPN switching transistor
Rev. 01-21 April 2008
logo
Infineon Technologies A...
BSC220N20NSFD INFINEON-BSC220N20NSFD Datasheet
949Kb / 11P
OptiMOSTM3 Power-Transistor, 200 V
Rev.2.0,2018-03-14
IPA320N20NM3S INFINEON-IPA320N20NM3S Datasheet
1Mb / 10P
OptiMOSTM 3 Power-Transistor, 200 V
Rev. 2.1, 2019-09-02
IPTG111N20NM3FD INFINEON-IPTG111N20NM3FD Datasheet
1Mb / 11P
OptiMOSTM 3 Power-Transistor, 200 V
Rev. 2.0, 2021-02-11
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com