Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4420S Datasheet (PDF) - Calogic, LLC

AS4420S Datasheet PDF - Calogic, LLC
Part # AS4420S
Download  AS4420S Download
File Size   443.77 Kbytes
Page   6 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description The AS4420 and AS4429 family operate over 4.5V to 18V

AS4420S Datasheet (PDF)

Go To PDF Page Download Datasheet
AS4420S Datasheet PDF - Calogic, LLC

Part # AS4420S
Download  AS4420S Click to download

File Size   443.77 Kbytes
Page   6 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description The AS4420 and AS4429 family operate over 4.5V to 18V

AS4420S Datasheet (HTML) - Calogic, LLC


AS4420S Product details

DESCRIPTION
The AS4420 and AS4429 family operate over 4.5V to 18V, can withstand high current peaking of 6A and have matched rise and fall times under 25ns. The product has been designed utilizing Calogic’s rugged CMOS process with protection for latch up and ESD. The product is available in inverting (AS4429) and noninverting (AS4420) configurations.

FEATURES
• Latch Up Protected . . . . . . . . . . . . . . . . . . . . . . . . . >1.5A
• Logic Input Swing . . . . . . . . . . . . . . . . . . . . . Negative 5V
• ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
• Matched Rise and Fall Times . . . . . . . . . . . . . . . . . . 20ns

APPLICATIONS
• Motor Controls
• Switch-Mode Power Supplies
• Pulse Transformer Driver
• Class D Switching Amplifiers




Similar Part No. - AS4420S

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4420CP ALPHA-AS4420CP Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4420CS ALPHA-AS4420CS Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4420CU ALPHA-AS4420CU Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4420IP ALPHA-AS4420IP Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
More results


Similar Description - AS4420S

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4414 MICREL-MIC4414 Datasheet
426Kb / 14P
1.5A, 4.5V to 18V Low-Side MOSFET Driver
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102_14 Datasheet
706Kb / 17P
Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
logo
Rohm
BD9C301FJ ROHM-BD9C301FJ Datasheet
978Kb / 22P
4.5V to 18V Input, 3.0A Integrated MOSFET
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
4.5V to 18V Input, 6.0A Integrated MOSFET
BD9D320EFJ ROHM-BD9D320EFJ Datasheet
1Mb / 26P
4.5V to 18V Input, 3.0A Integrated MOSFET
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
4.5V to 18V, 5A 1ch Synchronous Buck Converter
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com