Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPX65R660CFDA Datasheet (PDF) - Infineon Technologies AG

IPX65R660CFDA Datasheet PDF - Infineon Technologies AG
Part # IPX65R660CFDA
Download  IPX65R660CFDA Download
File Size   2342.02 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Metal Oxide Semiconductor Field Effect Transistor

IPX65R660CFDA Datasheet (PDF)

Go To PDF Page Download Datasheet
IPX65R660CFDA Datasheet PDF - Infineon Technologies AG

Part # IPX65R660CFDA
Download  IPX65R660CFDA Click to download

File Size   2342.02 Kbytes
Page   15 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Metal Oxide Semiconductor Field Effect Transistor

IPX65R660CFDA Datasheet (HTML) - Infineon Technologies AG


IPX65R660CFDA Product details

Description
CoolMOS™ is a revolutionary technology for high voltage powerMOSFETs, designed according to the superjunction (SJ) principle and pioneered by Infineon Technologies. 650V CoolMOS™ CFDA series combines the experience of the leading SJ MOSFET supplier with high class innovation. The resulting devices provide all benefits of a fastswitching SJ MOSFET while offering an extremely fast and robust body diode. This combination of extremely low switching, commutation and conduction losses together with highest robustness make especially resonant switching applications more reliable, more efficient, lighter, and cooler

Features
• Ultra-fast body diode
• Very high commutation ruggedness
• Extremely low losses due to very low FOM Rdson*Qg and Eoss
• Easy to use/drive
• Qualified according to AEC Q101
• Green package (RoHS compliant), Pb-free plating, halogen free for mold
   compound

Applications 
   650V CoolMOS™ CFDA is designed for switching applications.




Similar Part No. - IPX65R660CFDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPX65R660CFD INFINEON-IPX65R660CFD Datasheet
4Mb / 21P
Metal Oxide Semiconductor Field Effect Transistor
2011-09-27 revision:2.5
More results


Similar Description - IPX65R660CFDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R099C7 INFINEON-IPA60R099C7_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
IPC26N12N INFINEON-IPC26N12N_15 Datasheet
1Mb / 4P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.5
BSC0503NSI INFINEON-BSC0503NSI_15 Datasheet
1Mb / 13P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
BSZ0503NSI INFINEON-BSZ0503NSI_15 Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
IPA60R380P6 INFINEON-IPA60R380P6_15 Datasheet
2Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
IPB60R600P6 INFINEON-IPB60R600P6_15 Datasheet
2Mb / 19P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
IPZ60R070P6 INFINEON-IPZ60R070P6_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-07-13
IPD65R650CE INFINEON-IPD65R650CE_15 Datasheet
1Mb / 17P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-04-16
IPP60R180C7 INFINEON-IPP60R180C7_15 Datasheet
1Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2015-05-08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com