Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMY210 Datasheet (PDF) - Infineon Technologies AG

CMY210 Datasheet PDF - Infineon Technologies AG
Part # CMY210
Download  CMY210 Download
File Size   156.83 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description GaAs Components

CMY210 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMY210 Datasheet PDF - Infineon Technologies AG

Part # CMY210
Download  CMY210 Click to download

File Size   156.83 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description GaAs Components

CMY210 Datasheet (HTML) - Infineon Technologies AG


CMY210 Product details

GaAs MMIC



• Ultralinear Mixer with integrated LO-Buffer

• Very high Input-IP3 of typical 24 dBm

• Very low LO-Power demand of typ. 0 dBm

• Suited for Up- and Down-Conversion

• Wide LO-Frequency Range < 500 MHz to >2.5GHz

• Wide LO-Level Range

• Single ended Ports

• RF- and IF-Port Impedance 50 Ω

• Operating Voltage Range: < 3 to 6 V

• Very low Current Consumption of typical 6 mA

• All Gold Metallization

  ESD: Electrostatic discharge sensitive device Observe handling Precautions!




Similar Part No. - CMY210

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY210 TRIQUINT-CMY210 Datasheet
251Kb / 9P
Ultra-Linear Mixer with Integrated LO Buffer
CMY210 TRIQUINT-CMY210_15 Datasheet
251Kb / 9P
Ultra-Linear Mixer with Integrated LO Buffer
More results


Similar Description - CMY210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
SAW COMPONENTS
logo
M/A-COM Technology Solu...
M537 MA-COM-M537 Datasheet
110Kb / 4P
GaAs MMIC Based Control Components with Integral Drivers
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
SAW Components
logo
Central Technologies
10-100BPCMCIA CT-10-100BPCMCIA Datasheet
188Kb / 2P
LAN Components
T1-CEPT-ISDN-PRI-DIP CT-T1-CEPT-ISDN-PRI-DIP Datasheet
452Kb / 2P
Telecommunication Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
SAW Components
logo
YAGEO Corporation
ANT4005B000RWHEXS YAGEO-ANT4005B000RWHEXS Datasheet
939Kb / 10P
WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
WIRELESS COMPONENTS
ANT9520LL06R2400A YAGEO-ANT9520LL06R2400A Datasheet
647Kb / 6P
WIRELESS COMPONENTS
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com