Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2A Datasheet (PDF) - DIYI Electronic Technology Co., Ltd.

GS2A Datasheet PDF - DIYI Electronic Technology Co., Ltd.
Part # GS2A
Download  GS2A Download
File Size   1165.81 Kbytes
Page   2 Pages
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.
Description 2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER

GS2A Datasheet (PDF)

Go To PDF Page Download Datasheet
GS2A Datasheet PDF - DIYI Electronic Technology Co., Ltd.

Part # GS2A
Download  GS2A Click to download

File Size   1165.81 Kbytes
Page   2 Pages
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.
Description 2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER

GS2A Datasheet (HTML) - DIYI Electronic Technology Co., Ltd.


GS2A Product details

Features
• For surface mounted application
• Low forward voltage drop
• High current capability
• High reliability
• Plastic Case Material has UL Flammability
   Classification Rating 94V- 0




Similar Part No. - GS2A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2A GULFSEMI-GS2A Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Yea Shin Technology Co....
GS2A YEASHIN-GS2A Datasheet
105Kb / 2P
SURFACE MOUNT RECTIFIER GLASS P ASSIVATED J UNCTION
logo
SHENZHEN YONGERJIA INDU...
GS2A WINNERJOIN-GS2A Datasheet
167Kb / 2P
Surface Mount Standard Rectifiers
More results


Similar Description - GS2A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
E2A DYELEC-E2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
E2AN DYELEC-E2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES2A DYELEC-ES2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES2AN DYELEC-ES2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
G2A DYELEC-G2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
G2AN DYELEC-G2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS2AN DYELEC-GS2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
R2AN DYELEC-R2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS2A DYELEC-RS2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS2AN DYELEC-RS2AN Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com