Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS8695 Datasheet (PDF) - Micrel Semiconductor

KS8695 Datasheet PDF - Micrel Semiconductor
Part # KS8695
Download  KS8695 Download
File Size   160.4 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description CENTAUR Integrated Multi-Port Gateway Solutions

KS8695 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS8695 Datasheet PDF - Micrel Semiconductor

Part # KS8695
Download  KS8695 Click to download

File Size   160.4 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description CENTAUR Integrated Multi-Port Gateway Solutions

KS8695 Datasheet (HTML) - Micrel Semiconductor


KS8695 Product details

The KS8695 “Multi-Port Gateway-on-a-Chip” delivers a new level of networking integration and performance for speeding broadband gateway development.

Features
• The CENTAUR KS8695 featuring XceleRouter™ Technology, is a single-chip Multi-Port Gateway-on-aChip with all the key components integrated for a highperformance and low-cost broadband gateway
• ARM922T high-performance CPU core
    - 185 MIPS ARM922T core at 166MHz
    - 8kB I-cache and 8kB D-cache
    - Memory Management Unit (MMU) for Linux
    - 32-bit ARM and 16-bit Thumb instruction sets
• XceleRouter™ Technology
    - TCP/UDP/IP packet header checksum generation to offload CPU tasks
    - IPv4 packet filtering on checksum errors
    - Automatic error packet discard
• Integrated switch engine & transceivers:
    - Five 10/100 transceivers and MACs (1P for WAN interface, 4P for LAN switching)
    - 100Base-Tx, 10Base-T and 100Base-Fx modes (Fx in the WAN port).
    - On-chip SRAM as frame buffer memory
    - Wire-speed switching
    - VLAN ID and 802.1p tag/untag options
    - Extensive MIB counter management support
    - IGMP snooping for multicast packet filtering
    - Port-based VLAN
    - QoS/CoS packet prioritization support: per-port, 802.1p and DiffServ based
    - 802.1d spanning tree protocol
    - Dedicated 1K-entry look-up engine
    - Automatic MDI/MDIX crossover on all ports
    - Port mirroring/monitoring/sniffing
    - Broadcast storm protection with % control
    - Full and half-duplex flow control
• Memory and external I/O interfaces
    - 8/16/32-bit wide shared data path for SDRAM, ROM/ SRAM/flash & external I/O
    - Total memory space up to 64MB
    - Intel/AMD-type flash support
• WAN/LAN/EMAC DMA Engines & FIFO
    - DMA engine with burst mode support for efficient WAN, LAN and EMAC data transfers
    - FIFOs for back-to-back packet transfers
• Peripheral Support
    - One MII interface (MAC or PHY mode)
    - 8/16/32-bit external I/O interface supporting PCMCIA or generic CPU/DSP host I/F
    - Eight general-purpose input/output (GPIO)
    - Two 32-bit timer counters (one watchdog)
    - Interrupt controller
    - ARM922T JTAG debug interface
• Power management
    - Reduced CPU and system clock speeds
• System design
    - 208-pin PQFP package
    - Up to 166MHz CPU and 125MHz bus speed
• Reference HW/SW evaluation kit
    - Hardware evaluation board (passes class B EMI)
    - Board support package including firmware source codes, Linux kernel, software stacks
    - Documentation for design & programming

Applications
• Multi-port broadband gateway
• Multi-port firewall & VPN appliances
• Combo wireless and wireline gateway
• Multi-port VoIP gateway
• Fiber-to-the-Home managed CPE




Similar Part No. - KS8695

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8695P MICREL-KS8695P Datasheet
816Kb / 42P
Integrated Multi-Port PCI Gateway Solution
KS8695PI MICREL-KS8695PI Datasheet
816Kb / 42P
Integrated Multi-Port PCI Gateway Solution
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
KS8695PX MICREL-KS8695PX Datasheet
1Mb / 40P
Integrated Multi-Port PCI Gateway Solution
KS8695P MICREL-KS8695P_11 Datasheet
816Kb / 42P
Integrated Multi-Port PCI Gateway Solution
More results


Similar Description - KS8695

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
List of Unclassifed Man...
88E6218 ETC2-88E6218 Datasheet
323Kb / 2P
Link Street Integrated Gateway Router with Multi-Port QoS Switch
logo
Micrel Semiconductor
KS8695X MICREL-KS8695X Datasheet
264Kb / 39P
Integrated Multi-Port High-Performance Gateway Solutions
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
1-port Modbus Gateway
EKI-1221 ADVANTECH-EKI-1221 Datasheet
561Kb / 1P
1-port Modbus Gateway
EKI-1224 ADVANTECH-EKI-1224 Datasheet
241Kb / 1P
4-port Modbus Gateway
logo
Micrel Semiconductor
KS8695P MICREL-KS8695P_11 Datasheet
816Kb / 42P
Integrated Multi-Port PCI Gateway Solution
KS8695X MICREL-KS8695X_11 Datasheet
344Kb / 39P
Integrated Multi-Port High-Performance Gateway Solution Rev. 1.03
KSZ8695PX MICREL-KSZ8695PX Datasheet
1Mb / 40P
Integrated Multi-Port PCI Gateway Solution
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
Gateway solutions for building and home integration
Version 1.0/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com