Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1085MK Datasheet (PDF) - Seme LAB

LT1085MK Datasheet PDF - Seme LAB
Part # LT1085MK
Download  LT1085MK Download
File Size   31.22 Kbytes
Page   3 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 3 AMP POSITIVE VOLTAGE REGULATOR

LT1085MK Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1085MK Datasheet PDF - Seme LAB

Part # LT1085MK
Download  LT1085MK Click to download

File Size   31.22 Kbytes
Page   3 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description 3 AMP POSITIVE VOLTAGE REGULATOR

LT1085MK Datasheet (HTML) - Seme LAB


LT1085MK Product details

DESCRIPTION

The LT1085 voltage regulators are monolithic integrated circuits designed for use in applications requiring a well regulated positive output voltage with low input-output differential voltage.



FEATURES

• Low Dropout Performance

• Fixed or Adjustable Voltages

• Fixed Output Voltages of 3.3V, 5V & 12V

• Adjustable Output Voltage Range From 1.2V

• Line Regulation 0.015% / V Typical.

• Load Regulation 0.01% Typical.

• Available in Hermetically Sealed TO–3,SMD1 and TO–257 (isolated & non-isolated) Packages.

• Military Temperature Range (–55 to +150°C)




Similar Part No. - LT1085MK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1085MK LINER-LT1085MK Datasheet
287Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085MK LINER-LT1085MK Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085MK LINER-LT1085MK Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085MK-12 LINER-LT1085MK-12 Datasheet
287Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1085MK-12 LINEAR-LT1085MK-12 Datasheet
142Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Similar Description - LT1085MK

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085_06 Datasheet
155Kb / 6P
3 Amp Positive Voltage Regulator
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
LM1085G SEME-LAB-LM1085G Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
EZ1587C SEMTECH-EZ1587C Datasheet
159Kb / 6P
3 Amp Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com