Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO247 Datasheet (PDF) - Alpha & Omega Semiconductors

TO247 Datasheet PDF - Alpha & Omega Semiconductors
Part # TO247
Download  TO247 Download
File Size   50.44 Kbytes
Page   1 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description CONTROLLING DIMENSION IS MILLIMETER.

TO247 Datasheet (PDF)

Go To PDF Page Download Datasheet
TO247 Datasheet PDF - Alpha & Omega Semiconductors

Part # TO247
Download  TO247 Click to download

File Size   50.44 Kbytes
Page   1 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description CONTROLLING DIMENSION IS MILLIMETER.

TO247 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - TO247

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO247 ETC-TO247 Datasheet
39Kb / 2P
HEXFET TO-247AC Outline Dimensions are shown in millimeters (inches)
logo
ABL Aluminium Component...
TO247 ABL-TO247 Datasheet
106Kb / 1P
Board Mount PPN Heat Sinks
logo
List of Unclassifed Man...
TO247AC ETC-TO247AC Datasheet
39Kb / 2P
HEXFET TO-247AC Outline Dimensions are shown in millimeters (inches)
TO247C ETC-TO247C Datasheet
39Kb / 2P
HEXFET TO-247AC Outline Dimensions are shown in millimeters (inches)
More results


Similar Description - TO247

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SC-88A ONSEMI-SC-88A Datasheet
67Kb / 2P
CONTROLLING DIMENSION INCH.
July, 2010 ??Rev. 02K
QFN52 ONSEMI-QFN52 Datasheet
64Kb / 2P
CONTROLLING DIMENSION MILLIMETERS
February, 2010 ??Rev. 01C
logo
Alpha & Omega Semicondu...
DFN1.2X1.1_6L AOSMD-DFN1.2X1.1_6L Datasheet
64Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN1.8X1.4A_10L AOSMD-QFN1.8X1.4A_10L Datasheet
73Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.1X1.6_10L AOSMD-QFN2.1X1.6_10L Datasheet
77Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.6X1.8_16L AOSMD-QFN2.6X1.8_16L Datasheet
66Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN3X3_16L AOSMD-QFN3X3_16L Datasheet
74Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO220 AOSMD-TO220 Datasheet
98Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
logo
Turck, Inc.
CMBS8151-0 TURCK-CMBS8151-0 Datasheet
71Kb / 1P
MILLIMETER [ INCH ]
logo
Mini-Circuits
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com