Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD230-8TO Datasheet (PDF) - Sensortechnics GmbH

AD230-8TO Datasheet PDF - Sensortechnics GmbH
Part # AD230-8TO
Download  AD230-8TO Download
File Size   271.56 Kbytes
Page   3 Pages
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH
Description APD with 0.04 mm짼 active area

AD230-8TO Datasheet (PDF)

Go To PDF Page Download Datasheet
AD230-8TO Datasheet PDF - Sensortechnics GmbH

Part # AD230-8TO
Download  AD230-8TO Click to download

File Size   271.56 Kbytes
Page   3 Pages
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH
Description APD with 0.04 mm짼 active area

AD230-8TO Datasheet (HTML) - Sensortechnics GmbH




Similar Part No. - AD230-8TO

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD230-8-2G SENSORTECHNICS-AD230-8-2G Datasheet
584Kb / 3P
0.230 mm active area
AD230-8SMD SENSORTECHNICS-AD230-8SMD Datasheet
459Kb / 4P
APD with 0.04 mm짼 active area
More results


Similar Description - AD230-8TO

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
APD with 0.008 mm짼 active area
AD230-8SMD SENSORTECHNICS-AD230-8SMD Datasheet
459Kb / 4P
APD with 0.04 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
APD with 0.04 mm짼 active area
AD230-9TO SENSORTECHNICS-AD230-9TO Datasheet
438Kb / 4P
APD with 0.04 mm짼 active area
AD230-12 SENSORTECHNICS-AD230-12 Datasheet
736Kb / 4P
APD with 0.04 mm짼 active area
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
APD with 0.2 mm짼 active area
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
APD with 0.2 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
APD with 1.0 mm짼 active area
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com