Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2045 Datasheet (PDF) - DIYI Electronic Technology Co., Ltd.

SL2045 Datasheet PDF - DIYI Electronic Technology Co., Ltd.
Part # SL2045
Download  SL2045 Download
File Size   2743.91 Kbytes
Page   2 Pages
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.
Description High Forward Surge Capability

SL2045 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL2045 Datasheet PDF - DIYI Electronic Technology Co., Ltd.

Part # SL2045
Download  SL2045 Click to download

File Size   2743.91 Kbytes
Page   2 Pages
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.
Description High Forward Surge Capability

SL2045 Datasheet (HTML) - DIYI Electronic Technology Co., Ltd.


SL2045 Product details

Features
• Schottky Barrier Chip
• High Thermal Reliability
• Patented Super Barrier Rectifier Technology
• High Forward Surge Capability
• Ultra Fow Power Loss,High Efficiency
• Excellent High Temperature Stability
• Plastic material-UL flammability 94V-0




Similar Part No. - SL2045

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SL2045 ZSELEC-SL2045 Datasheet
271Kb / 3P
20.0A SUPER BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SL2045 CHENDA-SL2045 Datasheet
7Mb / 2P
20 0A Surface Mount Schottky Barrier Rectifiers
SL2045 CHENDA-SL2045 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SL2045 JUXING-SL2045 Datasheet
3Mb / 2P
Surface Mount Low VF Schottky Rectifiers
logo
Microdiode Semiconducto...
SL2045 CHENDA-SL2045_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SL2045

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
High forward surge current capability
logo
Sangdest Microelectroni...
S1A-F SMC-S1A-F Datasheet
114Kb / 5P
High forward surge capability
logo
Vishay Siliconix
VSB2045-M3 VISHAY-VSB2045-M3 Datasheet
87Kb / 5P
High forward surge capability
22-Nov-13
logo
STMicroelectronics
STPSC12C065-Y STMICROELECTRONICS-STPSC12C065-Y Datasheet
178Kb / 8P
High forward surge capability
13-Jan-2015
STPSC8H065C STMICROELECTRONICS-STPSC8H065C Datasheet
152Kb / 8P
High forward surge capability
07-Nov-2013
logo
Shanghai Leiditech Elec...
MUR16120DC LEIDITECH-MUR16120DC Datasheet
437Kb / 3P
High forward surge capability
SS15U60 LEIDITECH-SS15U60 Datasheet
218Kb / 3P
High forward surge capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com