Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET2 Datasheet (PDF) - NEC

ET2 Datasheet PDF - NEC
Part # ET2
Download  ET2 Download
File Size   129.12 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUTOMOTIVE RELAYS

ET2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ET2 Datasheet PDF - NEC

Part # ET2
Download  ET2 Click to download

File Size   129.12 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AUTOMOTIVE RELAYS

ET2 Datasheet (HTML) - NEC


ET2 Product details

DESCRIPTION
The new NEC ET2/ET1 series is PC-board mount type automotive relay suitable for various motor and heater control applications that require a high quality and performance. The ET2/ET1 series is the relay that succeeds fundamental structure and performance of the NEC EP2/EP1 series that has the high share with a motor control usage of the automobile of the world. Besides the ET2/ET1 series is succeeding in about 50% of miniaturization in comparison with the EP2/EP1 series.

FEATURES
• PC board mounting
• Approx. 50% relay volume of EP2/EP1
• Approx. 75% relay space of EP2/EP1
• Approx. 70% relay height of EP2/EP1
• Approx. 50% relay weight of EP2/EP1

APPLICATIONS
• Motor control
• Heater control
• Solenoid control




Similar Part No. - ET2

ManufacturerPart #DatasheetDescription
logo
NEC
ET2 NEC-ET2 Datasheet
926Kb / 7P
Miniature Relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
AUTOMOTIVE RELAYS
2019.4.1
ET2-B3M1 KEMET-ET2-B3M1 Datasheet
369Kb / 9P
AUTOMOTIVE RELAYS
2019.4.1
ET2-B3M1S KEMET-ET2-B3M1S Datasheet
369Kb / 9P
AUTOMOTIVE RELAYS
2019.4.1
logo
YUXIANG Magnetc materia...
ET20 YUXIANG-ET20 Datasheet
52Kb / 1P
ET SERIES
More results


Similar Description - ET2

ManufacturerPart #DatasheetDescription
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
AUTOMOTIVE RELAYS
logo
TE Connectivity Ltd
ISO TEC-ISO Datasheet
483Kb / 2P
Automotive Relays Accessories
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
automotive relays
DG85G AEC-DG85G Datasheet
334Kb / 4P
automotive / industrial relays
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
automotive relays
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
automotive relays
RA2 WILLOW-RA2 Datasheet
360Kb / 3P
Automotive PCB relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
AUTOMOTIVE RELAYS
2019.4.1
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com