Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C16DI-K8T3U5 Datasheet (PDF) - Seiko Instruments Inc

S-24C16DI-K8T3U5 Datasheet PDF - Seiko Instruments Inc
Part # S-24C16DI-K8T3U5
Download  S-24C16DI-K8T3U5 Download
File Size   2010.88 Kbytes
Page   47 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during low power supply voltage

S-24C16DI-K8T3U5 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-24C16DI-K8T3U5 Datasheet PDF - Seiko Instruments Inc

Part # S-24C16DI-K8T3U5
Download  S-24C16DI-K8T3U5 Click to download

File Size   2010.88 Kbytes
Page   47 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during low power supply voltage

S-24C16DI-K8T3U5 Datasheet (HTML) - Seiko Instruments Inc


S-24C16DI-K8T3U5 Product details

2-WIRE SERIAL E2PROM

This IC is a 2-wire, low current consumption and wide range operation serial E2PROM. This IC has the capacity of 2 K-bit, 4 K-bit, 8-K bit and 16 K-bit, and the organization is 256 words × 8-bit, 512 words × 8-bit, 1024 words × 8-bit and 2048 words × 8-bit, respectively. Page write and sequential read are available.

Features
• Operation voltage range
   Read: 1.7 V to 5.5 V
   Write: 1.7 V to 5.5 V
• Operation frequency:
   1.0 MHz max. (VCC = 2.5 V to 5.5 V)
   400 kHz max. (VCC = 1.7 V to 5.5 V)
• Write time: 5.0 ms max.
• Page write
   S-24C02D: 8 bytes / page
   S-24C04D: 16 bytes / page
   S-24C08D: 16 bytes / page
   S-24C16D: 16 bytes / page
• Sequential read
• Noise suppression:
   Schmitt trigger and noise filter on input pins (SCL, SDA)
• Write protect function during low power supply voltage
• Endurance: 106 cycle / word*1 (Ta = +25°C)
• Data retention: 100 years (Ta = +25°C)
• Memory capacity
   S-24C02D: 2 K-bit
   S-24C04D: 4 K-bit
   S-24C08D: 8 K-bit
   S-24C16D: 16 K-bit
• Write protect: 100%
• Initial delivery state: FFh
• Operation temperature range: Ta = −40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. For each address (Word: 8-bit)




Similar Part No. - S-24C16DI-K8T3U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C16DI-K8T3U5 SII-S-24C16DI-K8T3U5 Datasheet
1Mb / 47P
2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C16DI-K8T3U5 ABLIC-S-24C16DI-K8T3U5 Datasheet
746Kb / 47P
2-WIRE SERIAL E2PROM
Rev.3.0_02_U
More results


Similar Description - S-24C16DI-K8T3U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
Write protect function during low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
Write protect function during the low power supply voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com