Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD50R3K0CE Datasheet (PDF) - Infineon Technologies AG

IPD50R3K0CE Datasheet PDF - Infineon Technologies AG
Part # IPD50R3K0CE
Download  IPD50R3K0CE Download
File Size   1644.73 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 500V CoolMOS짧 CE Power Transistor

IPD50R3K0CE Datasheet (PDF)

Go To PDF Page Download Datasheet
IPD50R3K0CE Datasheet PDF - Infineon Technologies AG

Part # IPD50R3K0CE
Download  IPD50R3K0CE Click to download

File Size   1644.73 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 500V CoolMOS짧 CE Power Transistor

IPD50R3K0CE Datasheet (HTML) - Infineon Technologies AG


IPD50R3K0CE Product details

500V CoolMOS™ CE Power MOSFET

The CoolMOS™ CE is a new technology platform of Infineon’s market leading high voltage power MOSFETs designed according to the revolutionary superjunction (SJ) principle.
500V CE portfolio provides all benefits of a fast switching SJ MOSFET while not sacrificing ease of use. As the complete CE series, devices achieve extremely low conduction and switching losses and can make switching applications more efficient, more compact, lighter and cooler.

Features
■ Reduced energy stored in output
   capacitance (Eoss)
■ High body diode ruggedness
■ Reduced reverse recovery charge (Qrr)
■ Reduced gate charge (Qg)

Benefits
■ Easy control of switching behavior
■ Improved light load efficiency
   compared to previous CoolMOS™
   generations
■ Cost attractive alternative compared
   to standard MOSFETs
■ Outstanding reliability with proven
   CoolMOS™ quality combined with
   high body diode ruggedness

Applications
■ Consumer
■ Lighting
■ PC Silverbox




Similar Part No. - IPD50R3K0CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
1Mb / 2P
500V CoolMOS??CE Power MOSFET
10 / 2012
IPD50R3K0CE INFINEON-IPD50R3K0CE Datasheet
879Kb / 20P
500V Superjunction MOSFET for Consumer and Lighting Applications
V1.0 April 2012
logo
Inchange Semiconductor ...
IPD50R3K0CE ISC-IPD50R3K0CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
More results


Similar Description - IPD50R3K0CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPAN50R500CE INFINEON-IPAN50R500CE Datasheet
1Mb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
IPA50R380CE INFINEON-IPA50R380CE_16 Datasheet
953Kb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R280CE INFINEON-IPA50R280CE_16 Datasheet
970Kb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPA50R190CE INFINEON-IPA50R190CE_16 Datasheet
977Kb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.4,2016-07-12
IPN50R2K0CE INFINEON-IPN50R2K0CE Datasheet
1Mb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPN50R1K4CE INFINEON-IPN50R1K4CE Datasheet
1Mb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.1,2016-06-13
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPU50R2K0CE INFINEON-IPU50R2K0CE Datasheet
1Mb / 14P
500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
IPP50R380CE INFINEON-IPP50R380CE_16 Datasheet
1Mb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com