Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDL212PU18R Datasheet (PDF) - STMicroelectronics

LDL212PU18R Datasheet PDF - STMicroelectronics
Part # LDL212PU18R
Download  LDL212PU18R Download
File Size   1792.45 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High PSRR, low drop linear regulator IC

LDL212PU18R Datasheet (PDF)

Go To PDF Page Download Datasheet
LDL212PU18R Datasheet PDF - STMicroelectronics

Part # LDL212PU18R
Download  LDL212PU18R Click to download

File Size   1792.45 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High PSRR, low drop linear regulator IC

LDL212PU18R Datasheet (HTML) - STMicroelectronics


LDL212PU18R Product details

Description
The LDL212 provides 1.2 A of maximum current
from an input voltage range from 2.5 V to 18 V,
with a typical dropout voltage of 350 mV @ 1.2 A.
The high power supply rejection ratio of 87 dB at
120 Hz, and more than 40 dB at 100 kHz, makes
the LDL212 suitable for direct regulation in SMPS
and secondary linear regulation in DC-DC
converters. The LDL212 goes to shutdown mode
due to the enable logic control function, reducing
the total current consumption. The device also
includes the current limit, SOA and thermal
protections.

Features
 Input voltage from 2.5 V to 18 V
 20 V AMR
 Any fixed output voltages, from 1.2 V to 12 V
in 100 mV steps (from 1.2 V to 6.6 V in
50 mV steps) available on request
 Adjustable version from 1.18 V to
VIN-VDROP(MAX)
 Guaranteed output current 1.2 A
 Typical dropout 350 mV@1.2 A
 Undervoltage lockout
 Enable function
 Internal thermal, current and power limitation
 High PSRR: 87 dB @ 120 Hz, 75 dB @
1 kHz
 Operating temperature range: -40 °C to
125 °C
 Packages SO-8 batwing plastic
micropackage, DFN6 (3x3) and DFN6 (2x2)

Applications
 Consumer
 Industrial
 SMPS
 Point-of-load
 DC-DC post-regulation




Similar Part No. - LDL212PU18R

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
LDL25DU CINCON-LDL25DU Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
More results


Similar Description - LDL212PU18R

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
600mA High PSRR Low Dropout Linear Regulator
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
logo
Micrel Semiconductor
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
logo
Monolithic Power System...
MP20056 MPS-MP20056 Datasheet
853Kb / 15P
Low-Noise, High-PSRR, 250mA Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com