Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS5536C Datasheet (PDF) - TE Connectivity Ltd

MS5536C Datasheet PDF - TE Connectivity Ltd
Part # MS5536C
Download  MS5536C Download
File Size   382.95 Kbytes
Page   19 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Pressure range -400 to 1000 mbar

MS5536C Datasheet (PDF)

Go To PDF Page Download Datasheet
MS5536C Datasheet PDF - TE Connectivity Ltd

Part # MS5536C
Download  MS5536C Click to download

File Size   382.95 Kbytes
Page   19 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Pressure range -400 to 1000 mbar

MS5536C Datasheet (HTML) - TE Connectivity Ltd




Similar Part No. - MS5536C

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5536C INTERSEMA-MS5536C Datasheet
269Kb / 17P
SMD Gage Pressure MODULE
More results


Similar Description - MS5536C

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY42068 SKYWORKS-SKY42068 Datasheet
424Kb / 8P
400-1000 MHz High Dynamic Range Active Mixer
logo
Chenmko Enterprise Co. ...
BA157PT CHENMKO-BA157PT Datasheet
85Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 - 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
BA157 RECTRON-BA157 Datasheet
29Kb / 2P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 1.0 Ampere
logo
STMicroelectronics
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
logo
All Sensors Corporation
DS-0025 ASC-DS-0025 Datasheet
86Kb / 6P
1 mbar (0.4 In H2O) to 30 In H2O Pressure Sensors
DS-0026 ASC-DS-0026 Datasheet
53Kb / 6P
1 mbar (0.4 In H2O) to 30 In H2O Pressure Sensors
DS-0040 ASC-DS-0040 Datasheet
123Kb / 3P
600 to 1,100 mbar Barometric Pressure Sensor
logo
NXP Semiconductors
FXPS7400A4 NXP-FXPS7400A4 Datasheet
326Kb / 22P
Analog absolute pressure sensor, 20 to 400 kPA
Rev. 4.1-29 May 2019
FXPS7400D4 NXP-FXPS7400D4 Datasheet
923Kb / 71P
Digital absolute pressure sensor, 20 to 400 kPa
Rev. 5-15 July 2019
logo
Rectron Semiconductor
KBP304 RECTRON-KBP304 Datasheet
327Kb / 5P
GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 3.0 Amperes
2016-07/13 REV:O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com