Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF5286 Datasheet (PDF) - STMicroelectronics

STM8AF5286 Datasheet PDF - STMicroelectronics
Part # STM8AF5286
Download  STM8AF5286 Download
File Size   1613.33 Kbytes
Page   125 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V

STM8AF5286 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8AF5286 Datasheet PDF - STMicroelectronics

Part # STM8AF5286
Download  STM8AF5286 Click to download

File Size   1613.33 Kbytes
Page   125 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V

STM8AF5286 Datasheet (HTML) - STMicroelectronics


STM8AF5286 Product details

Features
■ AEC-Q10x qualified
■ Core – Max fCPU: 24 MHz – Advanced STM8A core with Harvard architecture and 3-stage pipeline – Average 1.6 cycles/instruction resulting in 10 MIPS at 16 MHz fCPU for industry standard benchmark
■ Memories – Program memory: 32 to 128 Kbyte Flash program; data retention 20 years at 55 °C – Data memory: up to 2 Kbyte true data EEPROM; endurance 300 kcycle – RAM: 6 Kbyte
■ Clock management – Low-power crystal resonator oscillator with external clock input – Internal, user-trimmable 16 MHz RC and low-power 128 kHz RC oscillators – Clock security system with clock monitor
■ Reset and supply management – Wait/auto-wakeup/Halt low-power modes with user definable clock gating – Low consumption power-on and power- down reset
■ Interrupt management – Nested interrupt controller with 32 vectors – Up to 37 external interrupts on 5 vectors
■ Timers – 2 general purpose 16-bit timers with up to 3 CAPCOM channels each (IC, OC, PWM) – Advanced control timer: 16-bit, 4 CAPCOM channels, 3 complementary outputs, dead- time insertion and flexible synchronization – 8-bit AR basic timer with 8-bit prescaler – Auto-wakeup timer – Window and independent watchdog timers
■ I/Os – Up to 68 user pins (11 high sink I/Os) – Highly robust I/O design, immune against current injection
■ Communication interfaces – High speed 1 Mbit/s CAN 2.0B interface – USART with clock output for synchronous operation - LIN master mode – LINUART LIN 2.2 compliant, master/slave modes with automatic resynchronization – SPI interface up to 10 Mbit/s or fMASTER/2 – I2C interface up to 400 Kbit/s
■ Analog to digital converter (ADC) – 10-bit resolution, 2 LSB TUE, 1 LSB linearity and up to 16 multiplexed channels
■ Operating temperature up to 150 °C
■ Qualification conforms to AEC-Q100 grade 0




Similar Part No. - STM8AF5286

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF5288 STMICROELECTRONICS-STM8AF5288 Datasheet
1Mb / 110P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
18-Jul-2012
STM8AF5289 STMICROELECTRONICS-STM8AF5289 Datasheet
1Mb / 110P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
18-Jul-2012
STM8AF528A STMICROELECTRONICS-STM8AF528A Datasheet
1Mb / 110P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
18-Jul-2012
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
More results


Similar Description - STM8AF5286

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF61XX STMICROELECTRONICS-STM8AF61XX Datasheet
1Mb / 100P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
22-Aug-2008
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
18-Jul-2012
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
31-Mar-2014
STM8AL313X STMICROELECTRONICS-STM8AL313X Datasheet
1Mb / 124P
Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
18-Oct-2016
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
26-Jun-2015
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
01-Apr-2020
STM8S001J3 STMICROELECTRONICS-STM8S001J3_V01 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
24-Oct-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com