Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF35143 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF35143 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF35143
Download  ATF35143 Download
File Size   195.95 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package

ATF35143 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF35143 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF35143
Download  ATF35143 Click to download

File Size   195.95 Kbytes
Page   19 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package

ATF35143 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF35143 Product details

Description

Agilent’s ATF-35143 is a high dynamic range, low noise, PHEMT housed in a 4-lead SC-70 (SOT-343) surface mount plastic package.

Based on its featured performance, ATF-35143 is suitable for applications in cellular and PCS base stations, LEO systems, MMDS, and other systems requiring super low noise figure with good intercept in the 450␣ MHz to 10 GHz frequency range.



Features

• Low Noise Figure

• Excellent Uniformity in Product Specifications

• Low Cost Surface Mount Small Plastic Package SOT-343 (4 lead SC-70)

• Tape-and-Reel Packaging Option Available



Specifications

1.9 GHz; 2V, 15 mA (Typ.)

• 0.4 dB Noise Figure

• 18 dB Associated Gain

• 11 dBm Output Power at 1␣ dB Gain Compression

• 21 dBm Output 3rd Order Intercept



Applications

• Low Noise Amplifier for Cellular/PCS Handsets

• LNA for WLAN, WLL/RLL, LEO, and MMDS Applications

• General Purpose Discrete PHEMT for Other Ultra Low Noise Applications




Similar Part No. - ATF35143

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF35176 HP-ATF35176 Datasheet
1Mb / 3P
2-18 GHz Low Noise Pseudomorphic HEMT
More results


Similar Description - ATF35143

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-35143 HP-ATF-35143 Datasheet
127Kb / 19P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143-BLKG AVAGO-ATF-33143-BLKG Datasheet
407Kb / 17P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 AVAGO-ATF-34143_15 Datasheet
138Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com