Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP6402 Datasheet (PDF) - Harris Corporation

CDP6402 Datasheet PDF - Harris Corporation
Part # CDP6402
Download  CDP6402 Download
File Size   68.46 Kbytes
Page   12 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description CMOS Universal Asynchronous Receiver/Transmitter (UART)

CDP6402 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP6402 Datasheet PDF - Harris Corporation

Part # CDP6402
Download  CDP6402 Click to download

File Size   68.46 Kbytes
Page   12 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description CMOS Universal Asynchronous Receiver/Transmitter (UART)

CDP6402 Datasheet (HTML) - Harris Corporation


CDP6402 Product details

Description

The CDP6402 and CDP6402C are silicon gate CMOS Universal Asynchronous Receiver/Transmitter (UART) circuits for interfacing computers or microprocessors to asynchronous serial data channels. They are designed to provide the necessary formatting and control for interfacing between serial and parallel data channels. The receiver converts serial start, data, parity, and stop bits to parallel data verifying proper code transmission, parity and stop bits. The transmitter converts parallel data into serial form and automatically adds start parity and stop bits.



Features

• Low Power CMOS Circuitry. . . . . . . . . . 7.5mW (Typ) at 3.2MHz (Max Freq.) at VDD = 5V

• Baud Rate

   - DC to 200K Bits/s (Max) at. . . . . . . . . . . . . . 5V, 85oC

   - DC to 400K Bits/s (Max) at. . . . . . . . . . . . . .10V, 85oC

• 4V to 10.5 Operation

• Automatic Data Formatting and Status Generation

• Fully Programmable with Externally Selectable Word Length (5 - 8 Bits), Parity Inhibit, Even/Odd Parity, and 1, 1-1/2, or 2 Stop Bits

• Operating Temperature Range

   - CDP6402D, CD . . . . . . . . . . . . . . . . . -55oC to +125oC

   - CDP6402E, CE . . . . . . . . . . . . . . . . . . -40oC to +85oC

• Replaces Industry Type IM6402 and Compatible with HD6402



 




Similar Part No. - CDP6402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP6402 INTERSIL-CDP6402 Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP6402C INTERSIL-CDP6402C Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP6402CD INTERSIL-CDP6402CD Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP6402CDX INTERSIL-CDP6402CDX Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
CDP6402CE INTERSIL-CDP6402CE Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
More results


Similar Description - CDP6402

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
Intersil Corporation
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
CDP6402 INTERSIL-CDP6402 Datasheet
213Kb / 12P
CMOS Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402_05 Datasheet
218Kb / 7P
CMOS Universal Asynchronous Receiver Transmitter (UART)
October 31, 2005
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
Universal Asynchronous Receiver Transmitter(UART)
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com