Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9803GP Datasheet (PDF) - List of Unclassifed Manufacturers

CS9803GP Datasheet PDF - List of Unclassifed Manufacturers
Part # CS9803GP
Download  CS9803GP Download
File Size   131.26 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CS9803GP

CS9803GP Datasheet (PDF)

Go To PDF Page Download Datasheet
CS9803GP Datasheet PDF - List of Unclassifed Manufacturers

Part # CS9803GP
Download  CS9803GP Click to download

File Size   131.26 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CS9803GP

CS9803GP Datasheet (HTML) - List of Unclassifed Manufacturers


CS9803GP Product details

[Semic●]



General Description

The CS9803 is a passive infra-red controller, using analog mixing digital design technique and manufactures by CMOS process which can either driver TRIAC or RELAY depending on user’s choice. With special noise immunity technique, CS9803 is the most stable passive infrared controller you can find on the market. More than this, there are few components needed in its application circuit which can reduce material cost and increase competitive.





Features

Operating voltage: 4.5V~5.5V (DC)

Operating current≤1mA

CDS input

Pulse output for TRIAC drive or level output for relay drive

Built-in 2-stage operational amplifier

Adjustable output on time duration

On –chip regulator for PIR sensor

Zero-crossing triggering

Package: DIP16



Application:

          Home security system

          Auto light system for garden, garage, hallway, staircase, porch, bathroom, etc.

          Auto switch for ventilation fan

          Auto notice system for office, storage, etc.




Similar Part No. - CS9803GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS9803GP ETC2-CS9803GP Datasheet
192Kb / 2P
Infrared Induction Control IC
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com