Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS02 Datasheet (PDF) - Toshiba Semiconductor

CUS02 Datasheet PDF - Toshiba Semiconductor
Part # CUS02
Download  CUS02 Download
File Size   255.93 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE

CUS02 Datasheet (PDF)

Go To PDF Page Download Datasheet
CUS02 Datasheet PDF - Toshiba Semiconductor

Part # CUS02
Download  CUS02 Click to download

File Size   255.93 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE

CUS02 Datasheet (HTML) - Toshiba Semiconductor


CUS02 Product details

Switching Mode Power Supply Applications
Portable Equipment Battery Applications

• Peak forward voltage: VFM = 0.45 V@IF = 0.7 A
• Average forward current: IF (AV) = 1.0 A
• Repetitive peak reverse voltage: VRRM = 30 V
• Suitable for high-density board assembly due to the use of a small surface-mount package, US−FLATTM




Similar Part No. - CUS02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS02 TOSHIBA-CUS02 Datasheet
162Kb / 5P
Switching Mode Power Supply Applications
CUS02 TOSHIBA-CUS02_06 Datasheet
162Kb / 5P
Switching Mode Power Supply Applications
More results


Similar Description - CUS02

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRB1020 MIC-SRB1020 Datasheet
49Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRB1620 MIC-SRB1620 Datasheet
50Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRB1620C MIC-SRB1620C Datasheet
51Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRB2020C MIC-SRB2020C Datasheet
50Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRB3020C MIC-SRB3020C Datasheet
52Kb / 2P
SCHTTKY BARRIER RECTIFIER
SRF1020 MIC-SRF1020 Datasheet
45Kb / 2P
SCHTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
logo
National Instruments Co...
FCHS08A12 NI-FCHS08A12_15 Datasheet
240Kb / 6P
Schttky Barrier Diode
FCHS10A12 NI-FCHS10A12_15 Datasheet
234Kb / 6P
Schttky Barrier Diode
FCHS10A065 NI-FCHS10A065_15 Datasheet
234Kb / 6P
Schttky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com