Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL31E8X Datasheet (PDF) - STMicroelectronics

STM8AL31E8X Datasheet PDF - STMicroelectronics
Part # STM8AL31E8X
Download  STM8AL31E8X Download
File Size   2672.93 Kbytes
Page   133 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs

STM8AL31E8X Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8AL31E8X Datasheet PDF - STMicroelectronics

Part # STM8AL31E8X
Download  STM8AL31E8X Click to download

File Size   2672.93 Kbytes
Page   133 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs

STM8AL31E8X Datasheet (HTML) - STMicroelectronics


STM8AL31E8X Product details

Features
■ AEC-Q100 grade 1 qualified
■ Operating conditions – Operating power supply range 1.8 V to 3.6 V (down to 1.65 V at power down) – Temp. range: -40 to 85 or 125 °C
■ Low-power features – 5 low-power modes: Wait, Low-power run (5.9 µA), Low-power wait (3 µA), Active- halt with full RTC (1.4 µA), Halt (400 nA) – Consumption: 200 µA/MHz+330 µA – Fast wake up from Halt mode (4.7 µs) – Ultra-low leakage per I/0: 50 nA
■ Advanced STM8 core – Harvard architecture and 3-stage pipeline – Max freq: 16 MHz, 16 CISC MIPS peak – Up to 40 external interrupt sources
■ Reset and supply management – Low power, ultra safe BOR reset with 5 programmable thresholds – Ultra-low-power POR/PDR – Programmable voltage detector (PVD)
■ Clock management – 32 kHz and 1-16 MHz crystal oscillators – Internal 16 MHz factory-trimmed RC and 38 kHz low consumption RC – Clock security system
■ Low-power RTC – BCD calendar with alarm interrupt, – Digital calibration with +/- 0.5ppm accuracy – Advanced anti-tamper detection
■ DMA – 4 ch. for ADC, encryption hardware accelerator (AES), DACs, SPIs, I2C, USARTs, Timers, 1 ch. for memory-to- memory
■ LCD: 8x40 or 4x44 w/ step-up converter
■ 12-bit ADC up to 1 Msps / 28 channels, – Temp. sensor and internal ref. voltage
■ Memories – Up to 64 Kbytes of Flash with up to 2 Kbytes of data EEPROM with ECC and RWW – Flexible write/read protection modes – Up to 4 Kbytes of RAM
■ 2x12-bit DAC (dual mode) with output buffer
■ 2 ultra-low-power comparators – 1 with fixed threshold and 1 rail to rail – Wakeup capability
■ Timers – Three 16-bit timers with 2 channels (IC, OC, PWM), quadrature encoder – One 16-bit advanced control timer with 3 channels, supporting motor control – One 8-bit timer with 7-bit prescaler – One window and one independent watchdog – Beeper timer with 1, 2 or 4 kHz frequencies
■ Communication interfaces – Two synchronous serial interface (SPI) – Fast I2C 400 kHz SMBus and PMBus – Three USARTs (IrDA, LIN 1.3, LIN2.0)
■ Up to 67 I/Os, all mappable on interrupt vectors
■ Fast on-chip programming and non-intrusive debugging with SWIM, Bootloader using USART
■ 96-bit unique ID LQFP80 LQFP64 LQFP48 14x14 mm 10x10 mm 7x7 mm




Similar Part No. - STM8AL31E8X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AL31E88 STMICROELECTRONICS-STM8AL31E88 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL31E89 STMICROELECTRONICS-STM8AL31E89 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL31E8A STMICROELECTRONICS-STM8AL31E8A Datasheet
258Kb / 18P
device limitations
11-Sep-2015
More results


Similar Description - STM8AL31E8X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L15 STMICROELECTRONICS-STM8L15 Datasheet
2Mb / 122P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
23-Jul-2010
STM8L151C8T6 STMICROELECTRONICS-STM8L151C8T6 Datasheet
1Mb / 129P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
03-Apr-2013
STM8L152R6T6 STMICROELECTRONICS-STM8L152R6T6 Datasheet
1Mb / 129P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
03-Apr-2013
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
05-Jun-2012
STM8L152M8T6 STMICROELECTRONICS-STM8L152M8T6 Datasheet
1Mb / 134P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
31-Jul-2013
STM8L152C8T6 STMICROELECTRONICS-STM8L152C8T6 Datasheet
1Mb / 134P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
31-Jul-2013
STM8AL313X STMICROELECTRONICS-STM8AL313X Datasheet
1Mb / 124P
Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
18-Oct-2016
STM8AL318X STMICROELECTRONICS-STM8AL318X Datasheet
2Mb / 131P
Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
05-Dec-2016
STM8L151X6 STMICROELECTRONICS-STM8L151X6_V01 Datasheet
3Mb / 147P
8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
May 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com