Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RG Datasheet (PDF) - STMicroelectronics

STM32F412RG Datasheet PDF - STMicroelectronics
Part # STM32F412RG
Download  STM32F412RG Download
File Size   2701.42 Kbytes
Page   193 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces

STM32F412RG Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F412RG Datasheet PDF - STMicroelectronics

Part # STM32F412RG
Download  STM32F412RG Click to download

File Size   2701.42 Kbytes
Page   193 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces

STM32F412RG Datasheet (HTML) - STMicroelectronics


STM32F412RG Product details

Features
■ Dynamic Efficiency Line with BAM (Batch Acquisition Mode)
■ Core: ARM® 32-bit Cortex®-M4 CPU with FPU, Adaptive real-time accelerator (ART Accelerator™) allowing 0-wait state execution from Flash memory, frequency up to 100 MHz, memory protection unit, 125 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1), and DSP instructions
■ Memories – Up to 1 Mbyte of Flash memory – 256 Kbyte of SRAM – Flexible external static memory controller with up to 16-bit data bus: SRAM, PSRAM, NOR Flash memory – Dual mode Quad-SPI interface
■ LCD parallel interface, 8080/6800 modes
■ Clock, reset and supply management – 1.7 V to 3.6 V application supply and I/Os – POR, PDR, PVD and BOR – 4-to-26 MHz crystal oscillator – Internal 16 MHz factory-trimmed RC – 32 kHz oscillator for RTC with calibration – Internal 32 kHz RC with calibration
■ Power consumption – Run: 112 µA/MHz (peripheral off) – Stop (Flash in Stop mode, fast wakeup time): 50 µA Typ @ 25 °C; 75 µA max @25 °C – Stop (Flash in Deep power down mode, slow wakeup time): down to 18 µA @ 25 °C; 40 µA max @25 °C – Standby: 2.4 µA @25 °C / 1.7 V without RTC; 12 µA @85 °C @1.7 V – VBAT supply for RTC: 1 µA @25 °C
■ 1×12-bit, 2.4 MSPS ADC: up to 16 channels
■ 2x digital filters for sigma delta modulator, 4x PDM interfaces, stereo microphone support
■ General-purpose DMA: 16-stream DMA
■ Up to 17 timers: up to twelve 16-bit timers, two 32-bit timers up to 100 MHz each with up to four IC/OC/PWM or pulse counter and quadrature (incremental) encoder input, two watchdog timers (independent and window), one SysTick timer
■ Debug mode – Serial wire debug (SWD) & JTAG – Cortex®-M4 Embedded Trace Macrocell™
■ Up to 114 I/O ports with interrupt capability – Up to 109 fast I/Os up to 100 MHz – Up to 114 five V-tolerant I/Os
■ Up to 17 communication interfaces – Up to 4x I2C interfaces (SMBus/PMBus) – Up to 4 USARTs (2 x 12.5 Mbit/s, 2 x 6.25 Mbit/s), ISO 7816 interface, LIN, IrDA, modem control) – Up to 5 SPI/I2Ss (up to 50 Mbit/s, SPI or I2S audio protocol), out of which 2 muxed full-duplex I2S interfaces – SDIO interface (SD/MMC/eMMC) – Advanced connectivity: USB 2.0 full-speed device/host/OTG controller with PHY – 2x CAN (2.0B Active)
■ True random number generator
■ CRC calculation unit
■ 96-bit unique ID
■ RTC: subsecond accuracy, hardware calendar
■ All packages are ECOPACK®2




Similar Part No. - STM32F412RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F412RGH3 STMICROELECTRONICS-STM32F412RGH3 Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
STM32F412RGH3P STMICROELECTRONICS-STM32F412RGH3P Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
STM32F412RGH3PTR STMICROELECTRONICS-STM32F412RGH3PTR Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
STM32F412RGH3TR STMICROELECTRONICS-STM32F412RGH3TR Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
STM32F412RGH6 STMICROELECTRONICS-STM32F412RGH6 Datasheet
2Mb / 201P
Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
19-Dec-2017
More results


Similar Description - STM32F412RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405ZGT6 STMICROELECTRONICS-STM32F405ZGT6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
24-Jan-2012
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
04-Jun-2013
STM32F405VGT6 STMICROELECTRONICS-STM32F405VGT6 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
04-Jun-2013
STM32F401XB STMICROELECTRONICS-STM32F401XB Datasheet
2Mb / 135P
ARM Cortex-M4 32b MCUFPU, 105 DMIPS, 256KB Flash/64KB RAM, 11 TIMs, 1 ADC, 11 comm. interfaces
07-Sep-2016
STM32F446XC STMICROELECTRONICS-STM32F446XC Datasheet
2Mb / 202P
ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
02-Sep-2016
STM32F411XC STMICROELECTRONICS-STM32F411XC Datasheet
2Mb / 149P
ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
December 2016 Rev 6
STM32F405 STMICROELECTRONICS-STM32F405 Datasheet
5Mb / 204P
Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
14-Aug-2020
STM32F405XX STMICROELECTRONICS-STM32F405XX_V01 Datasheet
5Mb / 201P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
19-Oct-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com