Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD2 Datasheet (PDF) - List of Unclassifed Manufacturers

HFD2 Datasheet PDF - List of Unclassifed Manufacturers
Part # HFD2
Download  HFD2 Download
File Size   41.04 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SUBMINIATURE DIP RELAY

HFD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFD2 Datasheet PDF - List of Unclassifed Manufacturers

Part # HFD2
Download  HFD2 Click to download

File Size   41.04 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SUBMINIATURE DIP RELAY

HFD2 Datasheet (HTML) - List of Unclassifed Manufacturers


HFD2 Product details

* High sensitive : 150mW

* Matching standard 16 pin IC socket

* High switching capacity : 125VA / 90W




Similar Part No. - HFD2

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
HFD2 HONGFA-HFD2 Datasheet
68Kb / 4P
SUMINIATURE DIP RELAY
HFD2-005-S-L2 HONGFA-HFD2-005-S-L2 Datasheet
68Kb / 4P
SUMINIATURE DIP RELAY
HFD2/003-M-L1-A HONGFA-HFD2/003-M-L1-A Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
HFD2/003-M-L1-D HONGFA-HFD2/003-M-L1-D Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
More results


Similar Description - HFD2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ821 ETC-AZ821 Datasheet
61Kb / 2P
SUBMINIATURE DIP RELAY
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
SUBMINIATURE DIP RELAY
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
SUBMINIATURE DIP RELAY
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD27 HONGFA-HFD27 Datasheet
58Kb / 3P
SUBMINIATURE DIP RELAY
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
SUBMINIATURE DIP RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com