Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL13N60DM2 Datasheet (PDF) - STMicroelectronics

STL13N60DM2 Datasheet PDF - STMicroelectronics
Part # STL13N60DM2
Download  STL13N60DM2 Download
File Size   894.79 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package

STL13N60DM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STL13N60DM2 Datasheet PDF - STMicroelectronics

Part # STL13N60DM2
Download  STL13N60DM2 Click to download

File Size   894.79 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.350 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a PowerFLAT 5x6 HV package

STL13N60DM2 Datasheet (HTML) - STMicroelectronics


STL13N60DM2 Product details

Description
This high voltage N-channel Power MOSFET is part of the MDmesh™ DM2 fast recovery diode series. It offers very low recovery charge (Qrr) and time (trr) combined with low RDS(on), rendering it suitable for the most demanding high efficiency converters and ideal for bridge topologies and ZVS phase-shift converters.




Similar Part No. - STL13N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
Low gate input resistance
27-Jun-2014
STL13N60M6 STMICROELECTRONICS-STL13N60M6 Datasheet
796Kb / 15P
N-channel 600 V, 330 mΩ typ., 7 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
20-May-2019
More results


Similar Description - STL13N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N60M2-EP STMICROELECTRONICS-STL15N60M2-EP Datasheet
488Kb / 16P
N-channel 600 V, 0.389 Ω typ., 7 A MDmesh™M2 EP Power MOSFET in a PowerFLAT™5x6 HV package
15-Jun-2015
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
N-channel 600 V, 0.290 Ω typ., 8 A MDmesh™M2 Power MOSFET in a PowerFLAT™5x6 HV package
18-May-2015
STL24N60DM2 STMICROELECTRONICS-STL24N60DM2 Datasheet
812Kb / 15P
N-channel 600 V, 0.195 (ohm) typ., 15 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
25-Jul-2016
STL33N60DM2 STMICROELECTRONICS-STL33N60DM2 Datasheet
784Kb / 15P
N-channel 600 V, 0.115(ohm) typ., 21 A MDmesh DM2 Power MOSFET in a PowerFLAT 8x8 HV package
09-Mar-2016
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
N-channel 600 V, 0.400 Ω typ., 6.5 A MDmesh™ M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STL13N60M6 STMICROELECTRONICS-STL13N60M6 Datasheet
796Kb / 15P
N-channel 600 V, 330 mΩ typ., 7 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
20-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL15N60DM6 STMICROELECTRONICS-STL15N60DM6 Datasheet
579Kb / 15P
N-channel 600 V, 295 m typ., 8.5 A, MDmesh DM6 Power MOSFET in a PowerFLAT 5x6 HV package
03-Jul-2020
STL16N60M6 STMICROELECTRONICS-STL16N60M6 Datasheet
887Kb / 15P
N-channel 600 V, 0.30 typ., 8 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
03-Apr-2017
STL18N60M6 STMICROELECTRONICS-STL18N60M6 Datasheet
792Kb / 15P
N-channel 600 V, 255 m typ., 9 A, MDmesh M6 Power MOSFET in a PowerFLAT 5x6 HV package
19-Apr-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com