Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F301X6 Datasheet (PDF) - STMicroelectronics

STM32F301X6 Datasheet PDF - STMicroelectronics
Part # STM32F301X6
Download  STM32F301X6 Download
File Size   1834.38 Kbytes
Page   135 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V

STM32F301X6 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F301X6 Datasheet PDF - STMicroelectronics

Part # STM32F301X6
Download  STM32F301X6 Click to download

File Size   1834.38 Kbytes
Page   135 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V

STM32F301X6 Datasheet (HTML) - STMicroelectronics


STM32F301X6 Product details

Description
The STM32F301x6/8 family is based on the high-performance ARM® Cortex®-M4 32-bit RISC core operating at a frequency of up to 72 MHz and embedding a floating point unit (FPU). The family incorporates high-speed embedded memories (up to 64 Kbytes of Flash memory, 16 Kbytes of SRAM), and an extensive range of enhanced I/Os and peripherals connected to two APB buses.
The devices offer a fast 12-bit ADC (5 Msps), three comparators, an operational amplifier, up to 18 capacitive sensing channels, one DAC channel, a low-power RTC, one generalpurpose 32-bit timer, one timer dedicated to motor control, and up to three general-purpose 16-bit timers, and one timer to drive the DAC. They also feature standard and advanced communication interfaces: three I2Cs, up to three USARTs, up to two SPIs with multiplexed full-duplex I2S, and an infrared transmitter.
The STM32F301x6/8 family operates in the –40 to +85°C and –40 to +105°C temperature ranges from at a 2.0 to 3.6 V power supply. A comprehensive set of power-saving mode allows the design of low-power applications.
The STM32F301x6/8 family offers devices in 32-, 48-, 49- and 64-pin packages.
The set of included peripherals changes with the device chosen.

Features
• Core: ARM® 32-bit Cortex®-M4 CPU with FPU (72 MHz max.), single-cycle multiplication and HW division, DSP instruction
• Memories
   – 32 to 64 Kbytes of Flash memory
   – 16 Kbytes of SRAM on data bus
• CRC calculation unit
• Reset and power management
   – VDD, VDDA voltage range: 2.0 to 3.6 V
   – Power-on/Power down reset (POR/PDR)
   – Programmable voltage detector (PVD)
   – Low-power: Sleep, Stop, and Standby
   – VBAT supply for RTC and backup registers
• Clock management
   – 4 to 32 MHz crystal oscillator
   – 32 kHz oscillator for RTC with calibration
   – Internal 8 MHz RC with x 16 PLL option
   – Internal 40 kHz oscillator
• Up to 51 fast I/O ports, all mappable on external interrupt vectors, several 5 V-tolerant
• Interconnect matrix
• 7-channel DMA controller supporting timers, ADCs, SPIs, I2Cs, USARTs and DAC
• 1 × ADC 0.20 μs (up to 15 channels) with selectable resolution of 12/10/8/6 bits, 0 to 3.6 V conversion range, single ended/differential mode, separate analog supply from 2.0 to 3.6 V
• Temperature sensor
• 1 x 12-bit DAC channel with analog supply from 2.4 to 3.6 V
• Three fast rail-to-rail analog comparators with analog supply from 2.0 to 3.6 V
• 1 x operational amplifier that can be used in PGA mode, all terminal accessible with analog supply from 2.4 to 3.6 V
• Up to 18 capacitive sensing channels supporting touchkey, linear and rotary sensors
• Up to 9 timers
   – One 32-bit timer with up to 4 IC/OC/PWM or pulse counter and quadrature (incremental) encoder input
   – One 16-bit 6-channel advanced-control timer, with up to 6 PWM channels, deadtime generation and emergency stop
   – Three 16-bit timers with IC/OC/OCN or PWM, deadtime gen. and emergency stop
   – One 16-bit basic timer to drive the DAC
   – 2 watchdog timers (independent, window)
   – SysTick timer: 24-bit downcounter
• Calendar RTC with alarm, periodic wakeup from Stop/Standby
• Communication interfaces
   – Three I2Cs with 20 mA current sink to support Fast mode plus
   – Up to 3 USARTs, 1 with ISO 7816 I/F, auto baudrate detect and Dual clock domain
   – Up to two SPIs with multiplexed full duplex I2S
   – Infrared transmitter
• Serial wire debug (SWD), JTAG
• 96-bit unique ID




Similar Part No. - STM32F301X6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F301X6 STMICROELECTRONICS-STM32F301X6 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
STM32F301X6 STMICROELECTRONICS-STM32F301X6_V01 Datasheet
1Mb / 141P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
05-Apr-2018
More results


Similar Description - STM32F301X6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
logo
STMicroelectronics
STM32L052X6 STMICROELECTRONICS-STM32L052X6 Datasheet
1Mb / 136P
Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
22-Mar-2016
STM32F318C8 STMICROELECTRONICS-STM32F318C8 Datasheet
1Mb / 125P
ARM-based Cortex-M4 32-bit MCUFPU, 64 KB Flash, 16 KB SRAM, ADC, DAC, 3 COMP, Op-Amp, 1.8 V
22-Jun-2015
STM32F071X8 STMICROELECTRONICS-STM32F071X8 Datasheet
1Mb / 122P
ARM-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
15-Sep-2016
STM32F303XD STMICROELECTRONICS-STM32F303XD Datasheet
2Mb / 173P
ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
21-Oct-2016
logo
Holtek Semiconductor In...
HT32F0008 HOLTEK-HT32F0008 Datasheet
1Mb / 46P
32-Bit Arm Cortex -M0 Microcontroller, up to 64 KB Flash and 16 KB SRAM
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
November 07, 2017
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017
logo
NXP Semiconductors
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
logo
STMicroelectronics
STM32F302X6 STMICROELECTRONICS-STM32F302X6_V01 Datasheet
2Mb / 139P
Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, USB, CAN, COMP, Op-Amp, 2.0 - 3.6 V
09-Mar-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com